Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPEAR320S Datasheet(PDF) 24 Page - STMicroelectronics

Part # SPEAR320S
Description  Embedded MPU with ARM926 core for industrial and consumer applications
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPEAR320S Datasheet(HTML) 24 Page - STMicroelectronics

Back Button SPEAR320S Datasheet HTML 20Page - STMicroelectronics SPEAR320S Datasheet HTML 21Page - STMicroelectronics SPEAR320S Datasheet HTML 22Page - STMicroelectronics SPEAR320S Datasheet HTML 23Page - STMicroelectronics SPEAR320S Datasheet HTML 24Page - STMicroelectronics SPEAR320S Datasheet HTML 25Page - STMicroelectronics SPEAR320S Datasheet HTML 26Page - STMicroelectronics SPEAR320S Datasheet HTML 27Page - STMicroelectronics SPEAR320S Datasheet HTML 28Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 113 page
background image
Device functions
SPEAr320S
24/113
Doc ID 022508 Rev 2
2.22
JPEG codec accelerator (JPGC)
SPEAr320S provides an integrated hardware accelerator for decoding and encoding
standard JPEG images.
JPEG data streams to be decoded must be compliant with the interchange format syntax
specified in the ISO/IEC 10918-1. The JFIF image file format is also supported through
header processing.
The output format for decoding (and input format for encoding) is a MCU stream, not a
conventional bitmap format like RGB. Displaying a decoded JPEG still picture would require
further steps and algorithms like color space conversion and scaling.
Main features:
Compliance with the baseline JPEG standard (ISO/IEC 10918-1)
Single-clock per pixel encoding/decoding
Support for up to four channels of component color
8-bit/channel pixel depths
Programmable quantization tables (up to four)
Programmable Huffman tables (two AC and two DC)
Programmable minimum coded unit (MCU)
Configurable JPEG header processing
Support for restart marker insertion
Use of two DMA channels and two 8 x 32-bit FIFOs (local to the JPEG) for efficient
transferring and buffering of encoded/decoded data from/to the Codec core.
2.23
Digital audio port (I2S)
The SPEAr320S integrates a digital audio port compliant to standard I2S (Philips)
specifications.
Main features:
I2S master mode
Stereo (2.0) playback and recording
Support for standard sampling rates (8, 16, 32, 44.1, 48, 96, 192 kHz); the clock input is
24 MHz, so the rate precision depends on the chosen rate and divider.
Support of a range of audio samples: 12 / 16 / 20 / 24/ 32 bits
Programmable thresholds for internal FIFO queues
Capability of using DMA transfer
2.24
Cryptographic co-processor (C3)
SPEAr320S provides an embedded cryptographic co-processor (C3). C3 is a high-
performance instruction-driven DMA-based engine that can be used to accelerate the
processing of security algorithms.
After its initial configuration by the main CPU, it runs in a completely autonomous way (DMA
data in, data processing, DMA data out), until the completion of all the requested operations.
C3 firmware is fetched from system memory.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com