Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPEAR320S Datasheet(PDF) 27 Page - STMicroelectronics

Part # SPEAR320S
Description  Embedded MPU with ARM926 core for industrial and consumer applications
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPEAR320S Datasheet(HTML) 27 Page - STMicroelectronics

Back Button SPEAR320S Datasheet HTML 23Page - STMicroelectronics SPEAR320S Datasheet HTML 24Page - STMicroelectronics SPEAR320S Datasheet HTML 25Page - STMicroelectronics SPEAR320S Datasheet HTML 26Page - STMicroelectronics SPEAR320S Datasheet HTML 27Page - STMicroelectronics SPEAR320S Datasheet HTML 28Page - STMicroelectronics SPEAR320S Datasheet HTML 29Page - STMicroelectronics SPEAR320S Datasheet HTML 30Page - STMicroelectronics SPEAR320S Datasheet HTML 31Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 113 page
background image
SPEAr320S
Device functions
Doc ID 022508 Rev 2
27/113
transient interrupt occurs, the priority logic of the VIC is not set, and lower priority interrupts
can interrupt the transient interrupt service routine, assuming interrupt nesting is permitted.
There are 32 interrupt lines. The VIC uses a bit position for each different interrupt source.
The software can control each request line to generate software interrupts. There are 16
vectored interrupts. These interrupts can only generate an IRQ interrupt. The vectored and
non-vectored IRQ interrupts provide an address for an interrupt service routine (ISR). The
FIQ interrupt has the highest priority, followed by interrupt vector 0 to interrupt vector 15.
Non-vectored IRQ interrupts have the lowest priority.
The specific interrupt map for the SPEAr320S device is documented in the companion
reference manuals.
2.27
Watchdog timer (WDT)
The ARM watchdog module consists of a 32-bit down counter with a programmable time-out
interval that has the capability to generate an interrupt and a reset signal on timing out. The
watchdog module is intended to be used to apply a reset to a system in the event of a
software failure.
2.28
Real-time clock (RTC)
The real-time clock provides an 1-second resolution clock. This keeps time when the system
is inactive and can be used to wake the system up when a programmed alarm time is
reached.
Main features:
●
Time-of-day clock in 24 hour mode
●
Calendar
●
Alarm capability
●
Isolation mode, allowing RTC to work even if power is not supplied to the rest of the
device.
2.29
DMA controller (DMAC)
SPEAr320S provides one DMA controller.
Main features:
●
Able to service up to 8 independent DMA channels for serial data transfers between
single source and destination (for instance, memory-to-memory, memory-to-peripheral,
peripheral to- memory, and peripheral-to-peripheral).
●
Each DMA channel can support a unidirectional transfer, with internal four-word FIFO
per channel.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com