Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPEAR320S Datasheet(PDF) 62 Page - STMicroelectronics

Part # SPEAR320S
Description  Embedded MPU with ARM926 core for industrial and consumer applications
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPEAR320S Datasheet(HTML) 62 Page - STMicroelectronics

Back Button SPEAR320S Datasheet HTML 58Page - STMicroelectronics SPEAR320S Datasheet HTML 59Page - STMicroelectronics SPEAR320S Datasheet HTML 60Page - STMicroelectronics SPEAR320S Datasheet HTML 61Page - STMicroelectronics SPEAR320S Datasheet HTML 62Page - STMicroelectronics SPEAR320S Datasheet HTML 63Page - STMicroelectronics SPEAR320S Datasheet HTML 64Page - STMicroelectronics SPEAR320S Datasheet HTML 65Page - STMicroelectronics SPEAR320S Datasheet HTML 66Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 113 page
background image
Pin description
SPEAr320S
62/113
Doc ID 022508 Rev 2
Table 31.
Ethernet signals description
Signal name
Description
Dir.
PL_GPIO_# /
ball number
Configuration mode
(see Section 3.4.2)
MII0
MII0_COL
PHY collision
This signal is asserted by the PHY when
a collision is detected on the medium.
This signal is not synchronous to any
clock.
(Active high)
I
PL_GPIO_13/A1
Alternate function
MII0_CRS
PHY CRS
This signal is asserted by the PHY when
either the transmit or receive medium is
not idle. The PHY deasserts this signal
when both transmit and receive medium
are idle. This signal is not synchronous to
any clock. (Active high)
I
PL_GPIO_12/D4
Alternate function
MII0_MDC
Management data clock
The MAC provides timing reference for
the MAC_MDIO signal through this
aperiodic clock. The maximum frequency
of this clock is 2.5 MHz.This clock is
generated from the application clock
(HCLK) via a clock divider.
O
PL_GPIO_11/E5
Alternate function
MII0_MDIO
Management data input/output
IO
PL_GPIO_10/C3
Alternate function
MII0_RXCLK
Reception clock
This is the reception clock (25/2.5 MHz in
100M/10Mbps) provided by the external
PHY for MII interfaces. The MII0_RXDn
signals that the Ethernet controller
receives are synchronous to this clock.
I
PL_GPIO_20/B4
Alternate function
MII0_RXD0
PHY receive data
These bits provide the MII receive data
nibble. The validity of the data is qualified
with MII0_RXDV and MII0_RXER.
I
PL_GPIO_17/C4
Alternate function
MII0_RXD1
PL_GPIO_16/E6
Alternate function
MII0_RXD2
PL_GPIO_15/B3
Alternate function
MII0_RXD3
PL_GPIO_14/A2
Alternate function
MII0_RXDV
PHY receive data valid
When high, indicates that the data on the
MII0_RXDn bus is valid. It remains
asserted continuously from the first
recovered byte/nibble of the frame
through the final recovered byte/nibble.
I
PL_GPIO_19/A3
Alternate function
MII0_RXER
PHY receive error
When high, indicates an error or carrier
extension in the received frame on the
MII0_RXDn bus.
I
PL_GPIO_18/D5
Alternate function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com