Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPEAR320S Datasheet(PDF) 25 Page - STMicroelectronics

Part # SPEAR320S
Description  Embedded MPU with ARM926 core for industrial and consumer applications
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPEAR320S Datasheet(HTML) 25 Page - STMicroelectronics

Back Button SPEAR320S Datasheet HTML 21Page - STMicroelectronics SPEAR320S Datasheet HTML 22Page - STMicroelectronics SPEAR320S Datasheet HTML 23Page - STMicroelectronics SPEAR320S Datasheet HTML 24Page - STMicroelectronics SPEAR320S Datasheet HTML 25Page - STMicroelectronics SPEAR320S Datasheet HTML 26Page - STMicroelectronics SPEAR320S Datasheet HTML 27Page - STMicroelectronics SPEAR320S Datasheet HTML 28Page - STMicroelectronics SPEAR320S Datasheet HTML 29Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 113 page
background image
SPEAr320S
Device functions
Doc ID 022508 Rev 2
25/113
Main features:
Supported cryptographic algorithms:
Advanced encryption standard (AES) cipher in ECB, CBC, CTR modes
Data encryption standard (DES) cipher in ECB and CBC modes
SHA-1, HMAC-SHA-1, MD5, HMAC-MD5 digests
Hardware chaining of cryptographic stages for optimized data flow when multiple
algorithms are required to process the same set of data (for example, encryption and
hashing on the fly)
2.25
System controller (SYSCTR)
The system controller provides an interface for controlling the operation of the overall
system.
Main features:
Power saving system mode control
Crystal oscillator and PLL control
Configuration of system response to interrupts
Reset status capture and soft reset generation
Watchdog and timer module clock enable
Using three mode control bits, the system controller switches the SPEAr320S to any of the
four different modes: DOZE, SLEEP, SLOW and NORMAL.
SLEEP mode: in this mode, the system clocks, HCLK and CLK, are disabled and the
system controller clock, SCLK, is driven by a low-speed oscillator (nominally
32768 Hz). When either a FIQ or an IRQ interrupt is generated (through the VIC), the
system enters DOZE mode. Additionally, the operating mode setting in the system
control register automatically changes from SLEEP to DOZE.
DOZE mode: in this mode, the system clocks, HCLK and CLK, and the system
controller clock are driven by a crystal oscillator (24 MHz) or a low-frequency oscillator
(32 KHz). The system controller moves into SLEEP mode from DOZE mode only when
none of the mode control bits are set and the processor is in wait-for-interrupt state. If
SLOW mode or NORMAL mode is required, the system moves into the XTAL control
transition state to initialize the crystal oscillator.
SLOW mode: during this mode, both the system clocks and the system controller clock
are driven by the crystal oscillator. If NORMAL mode is selected, the system goes into
the “PLL control” transition state. If neither the SLOW nor the NORMAL mode control
bits are set, the system goes into the “Switch from XTAL” transition state.
NORMAL mode: in NORMAL mode, both the system clocks and the system controller
clock are driven by the PLL output. If the NORMAL mode control bit is not set, then the
system goes into the “Switch from PLL” transition state.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com