Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPEAR320S Datasheet(PDF) 80 Page - STMicroelectronics

Part # SPEAR320S
Description  Embedded MPU with ARM926 core for industrial and consumer applications
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPEAR320S Datasheet(HTML) 80 Page - STMicroelectronics

Back Button SPEAR320S Datasheet HTML 76Page - STMicroelectronics SPEAR320S Datasheet HTML 77Page - STMicroelectronics SPEAR320S Datasheet HTML 78Page - STMicroelectronics SPEAR320S Datasheet HTML 79Page - STMicroelectronics SPEAR320S Datasheet HTML 80Page - STMicroelectronics SPEAR320S Datasheet HTML 81Page - STMicroelectronics SPEAR320S Datasheet HTML 82Page - STMicroelectronics SPEAR320S Datasheet HTML 83Page - STMicroelectronics SPEAR320S Datasheet HTML 84Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 80 / 113 page
background image
Timing requirements
SPEAr320S
80/113
Doc ID 022508 Rev 2
5.4
CLCD timing characteristics
The CLCD has a wide variety of configurations, and the parameters change accordingly.
The timing characterization is performed assuming an output load capacitance of 10 pF on
all outputs.
Figure 9.
CLCD waveform
Table 52.
CLCD timing requirements
Symbol
Description
Min
Max
Unit
tCK
CLCP clock period
20.83
41.66
ns
tD
CLCP to CLCD output data delay
1
9.5
tCK
tD
CLD[23:0], CLAC,
CLLE, CLLP, CLFP,
CLPOWER
CLCP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com