Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPEAR320S Datasheet(PDF) 37 Page - STMicroelectronics

Part # SPEAR320S
Description  Embedded MPU with ARM926 core for industrial and consumer applications
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPEAR320S Datasheet(HTML) 37 Page - STMicroelectronics

Back Button SPEAR320S Datasheet HTML 33Page - STMicroelectronics SPEAR320S Datasheet HTML 34Page - STMicroelectronics SPEAR320S Datasheet HTML 35Page - STMicroelectronics SPEAR320S Datasheet HTML 36Page - STMicroelectronics SPEAR320S Datasheet HTML 37Page - STMicroelectronics SPEAR320S Datasheet HTML 38Page - STMicroelectronics SPEAR320S Datasheet HTML 39Page - STMicroelectronics SPEAR320S Datasheet HTML 40Page - STMicroelectronics SPEAR320S Datasheet HTML 41Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 113 page
background image
SPEAr320S
Pin description
Doc ID 022508 Rev 2
37/113
3.4
Shared IO pins (PL_GPIOs)
The 98 PL_GPIO and 4 PL_CLK pins have the following characteristics:
●
Output buffer: TTL 3.3 V capable up to 10 mA
●
Input buffer: TTL, 3.3 V tolerant, selectable internal pull up/pull down (PU/PD)
The PL_GPIOs can be configured in different modes. This allows SPEAr320S to be tailored
for use in various applications like:
●
Metering concentrators
●
Large power supply controllers
●
Small printers
3.4.1
PL_GPIO / PL_CLK pins description
Note:
The I/O direction depends on the currently configured multiplexing option and can be
different from the I/O direction at reset. Refer to Table 15: PL_GPIO/PL_CLK multiplexing
scheme and reset states.
3.4.2
Extended mode: RMII automation networking mode
When Extended mode is selected the I/O functions can be selected individually from the
columns of Table 15 using 11 RAS_iosel_regx registers which provide 3-bit configuration
fields for selecting the I/O functions on each of the 102 GPIO I/O pins. (see Table 15:
PL_GPIO/PL_CLK multiplexing scheme and reset states).
This mode provides a fully flexible way of configuring the I/O functions for different
applications. It is forward compatible with the 4 legacy configuration modes and features
enhanced interrupt management with programmable edge polarity.
For example:
●
3 independent SSP synchronous serial ports (SPI, Microwire or TI protocol)
●
2 RMII interfaces
●
Standard parallel port (SPP device implementation)
●
3 independent I2C interfaces
●
7 UARTs
–
1 with hardware flow control (up to 3 Mbps)
–
1 with hardware flow control (baud rate up to 7 Mbps)
–
5 with software flow control (baud rate up to 7 Mbps)
●
4 PWM outputs
Table 13.
PL_GPIO / PL_CLK pins description
Group
Signal name
Ball
Dir.
Description
Pin type
PL_GPIOs
PL_GPIO_97...
PL_GPIO_0
(See
Table 15)
IO
General purpose IO or
multiplexed pins (see
Table 15)
(See the
introduction of
Section 3.4 here
above)
PL_CLK1...
PL_CLK4
Programmable logic
external clocks



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com