Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPEAR320S Datasheet(PDF) 67 Page - STMicroelectronics

Part # SPEAR320S
Description  Embedded MPU with ARM926 core for industrial and consumer applications
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPEAR320S Datasheet(HTML) 67 Page - STMicroelectronics

Back Button SPEAR320S Datasheet HTML 63Page - STMicroelectronics SPEAR320S Datasheet HTML 64Page - STMicroelectronics SPEAR320S Datasheet HTML 65Page - STMicroelectronics SPEAR320S Datasheet HTML 66Page - STMicroelectronics SPEAR320S Datasheet HTML 67Page - STMicroelectronics SPEAR320S Datasheet HTML 68Page - STMicroelectronics SPEAR320S Datasheet HTML 69Page - STMicroelectronics SPEAR320S Datasheet HTML 70Page - STMicroelectronics SPEAR320S Datasheet HTML 71Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 113 page
background image
SPEAr320S
Electrical characteristics
Doc ID 022508 Rev 2
67/113
4
Electrical characteristics
4.1
Absolute maximum ratings
This product contains devices to protect the inputs against damage due to high/low static
voltages. However, it is advisable to take normal precaution to avoid application of any
voltage higher/lower than the specified maximum/minimum rated voltages.
Caution:
Stresses above those listed in Table 33 may cause permanent damage to the device.
Exposure to maximum rating conditions for extended periods may affect device reliability.
4.2
Maximum power consumption
Note:
These values take into consideration the worst cases of process variation and voltage range
and must be used to design the power supply section of the board.
Table 33.
Absolute maximum ratings
Symbol
Parameter
Min
Max
Unit
VDD 1.2
Supply voltage for the core
- 0.3
1.44
V
VDD 3.3
Supply voltage for the I/Os
- 0.3
3.9
V
VDD 2.5
Supply voltage for the analog blocks
- 0.3
3
V
VDD 1.8
Supply voltage for the DRAM interface
- 0.3
2.16
V
VDD RTC
RTC supply voltage
-0.3
2.16
V
TSTG
Storage temperature
-55
150
°C
Table 34.
Maximum power consumption
Symbol
Description
Max
Unit
IDD(1.2Vsupply)
Current consumption of VDD 1.2 supply voltage for the core
400
mA
IDD(1.8Vsupply)
Current consumption of VDD 1.8 supply voltage for the
DRAM interface (1)
1.
Peak current with Linux memory test (50% write and 50% read) plus DMA reading memory.
150
mA
IDD(RTC)
Current consumption of RTC supply voltage
8
µA
IDD(2.5Vsupply)
Current consumption of 2.5V supply voltage for the analog
blocks
30
mA
IDD(3.3Vsupply)
Current consumption of 3.3V supply voltage for the I/Os(2)
2.
With 30 logic channels connected to the device and simultaneously switching at 10 MHz.
12
mA
PD
Maximum power consumption(3)
3.
Based on bench measurements for worst case silicon under worst case operating conditions. Devices
tested with operating system running, CPU and DDR2 running at 333 MHz, DDR2 driven by PLL2,
SDRAM and all on-chip peripherals and internal modules enabled.
1.2 V current and power are primarily dependent on the applications running and the use of internal chip
functions (DMA, USB, Ethernet, and so on).
3.3 V current and power are primarily dependent on the capacitive loading, frequency, and utilization of the
external buses.
870
mW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com