Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPEAR320S Datasheet(PDF) 75 Page - STMicroelectronics

Part # SPEAR320S
Description  Embedded MPU with ARM926 core for industrial and consumer applications
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPEAR320S Datasheet(HTML) 75 Page - STMicroelectronics

Back Button SPEAR320S Datasheet HTML 71Page - STMicroelectronics SPEAR320S Datasheet HTML 72Page - STMicroelectronics SPEAR320S Datasheet HTML 73Page - STMicroelectronics SPEAR320S Datasheet HTML 74Page - STMicroelectronics SPEAR320S Datasheet HTML 75Page - STMicroelectronics SPEAR320S Datasheet HTML 76Page - STMicroelectronics SPEAR320S Datasheet HTML 77Page - STMicroelectronics SPEAR320S Datasheet HTML 78Page - STMicroelectronics SPEAR320S Datasheet HTML 79Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 113 page
background image
SPEAr320S
Electrical characteristics
Doc ID 022508 Rev 2
75/113
4.8
ADC pin characteristics
Table 48.
ADC pin characteristics
Symbol
Parameters
Min
Typ
Max
Unit
fADC_CLK
ADC_CLK frequency
3
14
MHz
AVDD
ADC supply voltage
2.5
V
VREFP
Positive reference voltage
2.5
V
VREFN
Negative reference voltage
0
V
VIREF
Internal reference voltage
1.95
2
2.05
V
tSTARTUP
Startup time
50
µs
VAIN
Input range (absolute)
AGND - 0.3
AVDD - 0.3
V
Conversion range
VREFN
VREFP
V
CAIN
Input capacitance
5
6.4
8
pF
RAIN
Input mux resistance (total
equivalent sampling resistance)
1.5
2
2.5
K
Ω
tCONV
Conversion time
(fADC_CLK=14 MHz)
1µs
Conversion time
13
ADC_CLK
cycles
INL
Integral linearity error
±1
LSB
DNL
Differential linearity error
±1
LSB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com