Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPEAR320S Datasheet(PDF) 39 Page - STMicroelectronics

Part # SPEAR320S
Description  Embedded MPU with ARM926 core for industrial and consumer applications
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPEAR320S Datasheet(HTML) 39 Page - STMicroelectronics

Back Button SPEAR320S Datasheet HTML 35Page - STMicroelectronics SPEAR320S Datasheet HTML 36Page - STMicroelectronics SPEAR320S Datasheet HTML 37Page - STMicroelectronics SPEAR320S Datasheet HTML 38Page - STMicroelectronics SPEAR320S Datasheet HTML 39Page - STMicroelectronics SPEAR320S Datasheet HTML 40Page - STMicroelectronics SPEAR320S Datasheet HTML 41Page - STMicroelectronics SPEAR320S Datasheet HTML 42Page - STMicroelectronics SPEAR320S Datasheet HTML 43Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 113 page
background image
SPEAr320S
Pin description
Doc ID 022508 Rev 2
39/113
Mode 2: MII automation networking mode
In this example, MII automation networking operating mode provides the following features
with Mode 2 selected and alternate functions for UART0, MII0, SSP0, I2C0 enabled. Other
feature combinations are possible using different alternate functions.
●
NAND Flash interface (8 bits, 4 chip selects)
●
2 CAN 2.0 interfaces
●
2 MII interfaces
●
7 UARTs
–
1 with hardware flow control (up to 3 Mbps)
–
6 with software flow control (baud rate up to 7 Mbps)
●
3 independent SSP synchronous serial ports (SPI, Microwire or TI protocol) with 3
independent CS.
●
2 independent I2C interfaces
●
GPIOs with interrupt capability
●
SDIO interface supporting SPI, SD1, SD4 and SD8 mode
Mode 3: Expanded automation mode
In this example, Expanded automation operating mode provides the following features with
Mode 3 selected and alternate functions for MII0, UART0, I2C0 and SSP0 enabled. Some
features are mutually exclusive. Note that if UART0 alternate functions with software flow
control are enabled, UART3/4/5 are available, but not if UART0 alternate functions are
enabled with hardware flow control. If SSP0 alternate functions are enabled, PWM0/1/2/3
are not available. This is also the case for EMI with respect to the NAND Flash interface
(FSMC). Other feature combinations are possible using different alternate functions.
●
External memory interface (16 data bits, 24 address bits and 4 chip selects)
●
FSMC NAND Flash interface (8-16 bits and 4 chip selects shared with EMI)
●
2 CAN 2.0 interfaces
●
MII interface
●
6 UARTs
–
1 with hardware flow control (up to 3 Mbps)
–
1 with hardware flow control (baud rate up to 7 Mbps)
–
4 with software flow control (baud rate up to 7 Mbps)
●
1 SSP port
●
2 independent I2C interfaces
●
Up to 4 PWM outputs
●
GPIOs with interrupt capabilities



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com