Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPEAR320S Datasheet(PDF) 1 Page - STMicroelectronics

Part # SPEAR320S
Description  Embedded MPU with ARM926 core for industrial and consumer applications
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPEAR320S Datasheet(HTML) 1 Page - STMicroelectronics

  SPEAR320S Datasheet HTML 1Page - STMicroelectronics SPEAR320S Datasheet HTML 2Page - STMicroelectronics SPEAR320S Datasheet HTML 3Page - STMicroelectronics SPEAR320S Datasheet HTML 4Page - STMicroelectronics SPEAR320S Datasheet HTML 5Page - STMicroelectronics SPEAR320S Datasheet HTML 6Page - STMicroelectronics SPEAR320S Datasheet HTML 7Page - STMicroelectronics SPEAR320S Datasheet HTML 8Page - STMicroelectronics SPEAR320S Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 113 page
background image
This is information on a product in full production.
September 2012
Doc ID 022508 Rev 2
1/113
1
SPEAr320S
Embedded MPU with ARM926 core
for industrial and consumer applications
Datasheet
production data
Features
ARM926EJ-S CPU core, up to 333 MHz
Multilayer bus matrix, up to 166 MHz
Internal memories: 32 KB ROM, 8 KB SRAM
Memory interfaces:
– DDR controller (DDR2-666, LPDDR-333),
8-/16-bit
– Serial NOR Flash controller
– Parallel NAND Flash controller, 8-/16-bit
data bus
– Parallel NOR Flash/FPGA interface,
8-/16-bit data bus
Connectivity:
– 2 x USB 2.0 Host ports (integrated PHY)
– 1 x USB 2.0 Device port (integrated PHY)
– 2 x Fast Ethernet ports (external MII/RMII
PHY)
– 1 x MMC-SD card/SDIO controller
– 2 x CAN 2.0 ports
–7 x UART ports
– 3 x I2C ports: master/slave
– 3 x synchronous serial ports,
SPI/Microwire/TI protocols, master/slave
– 1 x RS485 interface
– 1 x fast IrDA interface
– 1 x legacy parallel port (IEEE 1284), slave
mode
– 10-bit ADC, 8 channels, 1 Msps
– Up to 102 GPIOs with interrupt capability
HMI support:
– LCD display controller, up to XGA
(1024 x 768, 24 bpp)
– Resistive touchscreen interface
– JPEG codec accelerator
– 1 x I2S digital audio port
Security
– Cryptographic co-processor
Miscellaneous functions:
– System controller, vectored interrupt
controller, watchdog, real-time clock
– Dynamic power-saving features
– 8-channel DMA controller
– 6 x 16-bit general purpose timers with
prescaler and 4 capture inputs
– 4 x PWM generators
– Debug and trace interfaces: JTAG/ETM
Applications
The SPEAr320S embedded MPU is configurable
for a range of industrial and consumer
applications such as:
Human machine interface (HMI) terminals
Factory automation / PLCs
Medical equipment
Smart energy meters and gateways
VoIP phones
Small printers
The device is hardware-compliant to the support
of both real-time (RTOS) and high-level (HLOS)
operating systems, such as Linux and Windows
Embedded Compact 7.
Table 1.
Device summary
Order code
Temp
range,
°C
Package
Packing
SPEAR320S-2
-40 to 85
LFBGA289
(15x15 mm,
pitch 0.8 mm)
Tray
LFBGA289 (15 x 15 x 1.7 mm)
www.st.com


Similar Part No. - SPEAR320S

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
SPEAR320 STMICROELECTRONICS-SPEAR320 Datasheet
909Kb / 73P
Embedded MPU with ARM926 core, optimized for factory automation and consumer applications
05-Jul-2011
SPEAR320-2 STMICROELECTRONICS-SPEAR320-2 Datasheet
909Kb / 73P
Embedded MPU with ARM926 core, optimized for factory automation and consumer applications
05-Jul-2011
More results

Similar Description - SPEAR320S

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MCIMX25_1004 FREESCALE-MCIMX25_1004 Datasheet
1Mb / 144P
i.MX25 Applications Processor for Consumer and Industrial Products
logo
ATMEL Corporation
SAM9M10 ATMEL-SAM9M10 Datasheet
234Kb / 2P
400MHz ARM926-based Embedded MPU with Hardware Video Decoder for Industrial Applications
logo
STMicroelectronics
SPEAR300 STMICROELECTRONICS-SPEAR300 Datasheet
1Mb / 83P
Embedded MPU with ARM926 core, flexible memory support, powerful connectivity features and human machine interface
29-Apr-2010
SPEAR320 STMICROELECTRONICS-SPEAR320 Datasheet
909Kb / 73P
Embedded MPU with ARM926 core, optimized for factory automation and consumer applications
05-Jul-2011
SPEAR1310 STMICROELECTRONICS-SPEAR1310 Datasheet
811Kb / 57P
Dual-core Cortex A9 embedded MPU for communications
02-Sep-2010
SPEAR320-2 STMICROELECTRONICS-SPEAR320-2 Datasheet
909Kb / 73P
Embedded MPU with ARM926 core, optimized for factory automation and consumer applications
05-Jul-2011
SPEAR600 STMICROELECTRONICS-SPEAR600 Datasheet
1Mb / 97P
Embedded MPU with dual ARM926 core, flexible memory support, powerful connectivity features and programmable LCD interface
09-May-2012
logo
Taoglas antenna solutio...
WLP4958124A02 TAOGLAS-WLP4958124A02 Datasheet
860Kb / 12P
For Wi-Fi Industrial and Consumer Applications
logo
NXP Semiconductors
MCIMX35SR2CEC NXP-MCIMX35SR2CEC Datasheet
2Mb / 147P
i.MX35 Applications Processors for Industrial and Consumer Products
Rev. 10, 06/2012
logo
STMicroelectronics
ST25R3916B STMICROELECTRONICS-ST25R3916B Datasheet
2Mb / 165P
NFC reader for payment, consumer and industrial applications
15-Mar-2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com