Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPEAR600 Datasheet (PDF) - STMicroelectronics

SPEAR600 Datasheet PDF - STMicroelectronics
Part # SPEAR600
Download  SPEAR600 Download
File Size   1291.3 Kbytes
Page   97 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Embedded MPU with dual ARM926 core, flexible memory support, powerful connectivity features and programmable LCD interface

SPEAR600 Datasheet (PDF)

Go To PDF Page Download Datasheet
SPEAR600 Datasheet PDF - STMicroelectronics

Part # SPEAR600
Download  SPEAR600 Click to download

File Size   1291.3 Kbytes
Page   97 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Embedded MPU with dual ARM926 core, flexible memory support, powerful connectivity features and programmable LCD interface

SPEAR600 Datasheet (HTML) - STMicroelectronics


SPEAR600 Product details

Features
■ Dual ARM926EJ-S core up to 333 MHz: – Each with 16 Kbytes instruction cache + 16 Kbytes data cache
■ High performance 8-channel DMA
■ Dynamic power saving features
■ Up to 733 DMIPS
■ Memory: – External DRAM interface: 8/16-bit DDR1- 333 / DDR2 - 666 – 32 Kbytes BootROM / 8 Kbytes internal SRAM – Flexible static memory controller (FSMC) supporting parallel NAND Flash memory interface, ONFI 1.0 support, internal 1-bit ECC or external 4-bit ECC – Serial NOR Flash Memory interface
■ Connectivity: – 2 x USB 2.0 Host – USB 2.0 Device – Giga Ethernet (GMII port) – I2C and fast IrDA interfaces – 3 x SSP Synchronous serial peripheral (SPI, Microwire or TI protocol) ports – 2 x UART interfaces
■ Peripherals supported: – TFT/STN LCD controller (resolution up to 1024 x 768 and colors up to 24 bpp) – Touchscreen support
■ Miscellaneous functions – Integrated real-time clock, watchdog, and system controller – 8-channel 10-bit ADC, 1 Msps – JPEG codec accelerator – 10 GPIO bidirectional signals with interrupt capability – 10 independent 16-bit timers with programmable prescaler
■ 32-bit width External local bus (EXPI interface).
■ 3 x I2S interfaces for audio features: – One stereo input and two stereo outputs (audio 3.1 configuration capable)
■ Customizable logic with 600 Kgate standard cell array
■ Software: – System compliant with all operating systems (including Linux)

Applications
■ The SPEAr® embedded MPU family targets networked devices used for communication, display and control. This includes diverse consumer, business, industrial and life science applications such as: – IP phones, thin client computers, printers, programmable logic controllers, PC docking stations, – Medical lab/diagnostics equipment, wireless access devices, home appliances, residential control and security systems, digital picture frames, and bar-code scanners/readers.




Similar Part No. - SPEAR600

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
SPEAR-07-NC03 STMICROELECTRONICS-SPEAR-07-NC03 Datasheet
1Mb / 194P
Ethernet Communication Controller with USB-Host
03-May-2006
SPEAR-09-B042 STMICROELECTRONICS-SPEAR-09-B042 Datasheet
921Kb / 66P
SPEAr짰 BASIC ARM 926EJ-S core, customizable logic, large IP portfolio SoC
20-May-2008
SPEAR-09-H022 STMICROELECTRONICS-SPEAR-09-H022 Datasheet
702Kb / 55P
SPEAr Head ARM 926, 200K customizable eASIC gates, large IP portfolio SoC
01-Dec-2005
SPEAR-09-H022 STMICROELECTRONICS-SPEAR-09-H022_06 Datasheet
930Kb / 71P
SPEAr Head200 ARM 926, 200K customizable eASIC gates, large IP portfolio SoC
28-Sep-2006
SPEAR-09-H042 STMICROELECTRONICS-SPEAR-09-H042 Datasheet
155Kb / 16P
SPEAr??Head200, ARM 926, 200 K customizable eASIC??gates, large IP portfolio SoC
31-Jan-2008
More results


Similar Description - SPEAR600

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
ACX318 SONY-ACX318 Datasheet
33Kb / 2P
Digital Camera LCD Product Line Features Low Power and Digital Interface Support
logo
ATMEL Corporation
SAM9M10 ATMEL-SAM9M10 Datasheet
234Kb / 2P
400MHz ARM926-based Embedded MPU with Hardware Video Decoder for Industrial Applications
logo
STMicroelectronics
SPEAR300 STMICROELECTRONICS-SPEAR300 Datasheet
1Mb / 83P
Embedded MPU with ARM926 core, flexible memory support, powerful connectivity features and human machine interface
29-Apr-2010
SPEAR320 STMICROELECTRONICS-SPEAR320 Datasheet
909Kb / 73P
Embedded MPU with ARM926 core, optimized for factory automation and consumer applications
05-Jul-2011
SPEAR1310 STMICROELECTRONICS-SPEAR1310 Datasheet
811Kb / 57P
Dual-core Cortex A9 embedded MPU for communications
02-Sep-2010
SPEAR1340 STMICROELECTRONICS-SPEAR1340 Datasheet
2Mb / 200P
Dual-core Cortex A9 HMI embedded MPU
11-Oct-2012
logo
List of Unclassifed Man...
MXE-5300 ETC2-MXE-5300 Datasheet
372Kb / 3P
Powerful 2nd Generation Intel짰 Core??i7 Fanless Embedded Computer with High Performance Wireless Support
logo
STMicroelectronics
SPEAR320-2 STMICROELECTRONICS-SPEAR320-2 Datasheet
909Kb / 73P
Embedded MPU with ARM926 core, optimized for factory automation and consumer applications
05-Jul-2011
logo
EPCOS
S1D13705F00A200 EPCOS-S1D13705F00A200 Datasheet
4Mb / 562P
Embedded Memory LCD Controller
logo
STMicroelectronics
SPEAR320S STMICROELECTRONICS-SPEAR320S Datasheet
1Mb / 113P
Embedded MPU with ARM926 core for industrial and consumer applications
27-Sep-2012
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com