Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPEAR600 Datasheet(PDF) 9 Page - STMicroelectronics

Part # SPEAR600
Description  Embedded MPU with dual ARM926 core, flexible memory support, powerful connectivity features and programmable LCD interface
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPEAR600 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button SPEAR600 Datasheet HTML 5Page - STMicroelectronics SPEAR600 Datasheet HTML 6Page - STMicroelectronics SPEAR600 Datasheet HTML 7Page - STMicroelectronics SPEAR600 Datasheet HTML 8Page - STMicroelectronics SPEAR600 Datasheet HTML 9Page - STMicroelectronics SPEAR600 Datasheet HTML 10Page - STMicroelectronics SPEAR600 Datasheet HTML 11Page - STMicroelectronics SPEAR600 Datasheet HTML 12Page - STMicroelectronics SPEAR600 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 97 page
background image
SPEAr600
Description
Doc ID 16259 Rev 3
9/97
1.1
Main features
●
Dual core ARM926EJ-S 32-bit RISC CPU, up to 333 MHz, each with:
–
16 Kbytes of instruction cache, 16 Kbytes of data cache
–
3 instruction sets: 32-bit for high performance, 16-bit (Thumb) for efficient code
density, byte Java mode (Jazelle™) for direct execution of Java code.
–
Tightly Coupled Memory
–
AMBA bus interface
●
32-KByte on-chip BootROM
●
8-KByte on-chip SRAM
●
Dynamic memory controller managing external DDR1 memory up to 166 MHz and
external DDR2 memory up to 333 MHz
●
Serial memory interface
●
8/16-bits NAND Flash controller
●
Possible NAND Flash or serial NOR flash booting
●
Multichannel DMA controller
●
Color LCD Controller for STN/TFT display panels
–
Up to 1024 x 768 resolution
–
24 bpp true color
●
Ethernet GMAC 10/100/1000 Mbps (GMII/MII PHY interface)
●
Two USB 2.0 host (high-full-low speed) with integrated PHY transceiver
●
One USB 2.0 device (high-full speed) with integrated PHY transceiver
●
10 GPIO bidirectional signals with interrupt capability
●
JPEG codec accelerator 1clock/pixel
●
ADC 10-bit, 1 Msps 8 inputs/1-bit DAC
●
3 SSP master/slave (supporting Motorola, Texas instruments, National Semiconductor
protocols) up to 40 Mbps
●
I2C master/slave interface (slow/ fast/high speed, up to 1.2 Mb/s)
●
10 independent 16-bit timers with programmable prescaler
●
I/O peripherals
–
Two UARTs (speed rate up to 460.8 kbps)
–
Fast IrDA (FIR/MIR/SIR) 9.6 Kbps to 4 Mbps speed-rate
●
Audio block with 3-I2Ss interfaces to support Audio Play (Up to 3.1) and Audio Record
functionality.
●
Advanced power saving features
–
Normal, Slow, Doze and Sleep modes, CPU clock with software-programmable
frequency
–
Enhanced dynamic power-domain management
–
Clock gating functionality
–
Low frequency operating mode
–
Automatic power saving controlled from application activity demands
●
Vectored interrupt controller
●
System and peripheral controller



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com