Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPEAR600 Datasheet(PDF) 30 Page - STMicroelectronics

Part # SPEAR600
Description  Embedded MPU with dual ARM926 core, flexible memory support, powerful connectivity features and programmable LCD interface
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPEAR600 Datasheet(HTML) 30 Page - STMicroelectronics

Back Button SPEAR600 Datasheet HTML 26Page - STMicroelectronics SPEAR600 Datasheet HTML 27Page - STMicroelectronics SPEAR600 Datasheet HTML 28Page - STMicroelectronics SPEAR600 Datasheet HTML 29Page - STMicroelectronics SPEAR600 Datasheet HTML 30Page - STMicroelectronics SPEAR600 Datasheet HTML 31Page - STMicroelectronics SPEAR600 Datasheet HTML 32Page - STMicroelectronics SPEAR600 Datasheet HTML 33Page - STMicroelectronics SPEAR600 Datasheet HTML 34Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 97 page
background image
Pin description
SPEAr600
30/97
Doc ID 16259 Rev 3
Table 7.
Ethernet pins
Group
Signal name
Ball
Direction
Function
Pin type
Ethernet
GMII_TXCLK
F22
Output
Transmit clock
(GMII)
TTL output buffer,
3.3 V capable,
8mA
GMII_TXCLK125
E22
Input
Ext. Clock
TTL input buffer,
3.3 V tolerant, PD
MII_TXCLK
D22
I/O
Transmit clock
MII
TXD_0
F21
Output
Transmit data
TTL output buffer,
3.3 V capable,
8mA
TXD_1
E21
TXD_2
F20
TXD_3
E20
GMII_TXD_4
D21
I/O
TTL bidirectional
buffer, 3.3 V
capable, 8 mA,
3.3 V tolerant, PD
GMII_TXD_5
D20
GMII_TXD_6
C22
GMII_TXD_7
C21
TX_ER
D18
Output
Transmit error
TTL output buffer,
3.3 V capable,
8mA
TX_EN
D19
Transmit enable
RX_ER
C20
Input
Receive error
TTL input buffer,
3.3 V tolerant, PD
RX_DV
C19
Receive data
valid
RX_CLK
A22
Receive clock
RXD_0
B22
Receive data
RXD_1
B21
RXD_2
A21
RXD_3
B20
GMII_RXD_4
A20
I/O
TTL bidirectional
buffer, 3.3 V
capable, 8 mA,
3.3 V tolerant, PD
GMII_RXD_5
B19
GMII_RXD_6
A18
GMII_RXD_7
A19
COL
A17
Input
Collision detect
TTL input buffer,
3.3 V tolerant, PD
CRS
B17
Carrier sense
MDIO
B18
I/O
Management
data I/O
TTL bidirectional
buffer, 3.3 V
capable, 4 mA,
3.3 V tolerant, PD
MDC
C18
Output
Management
data clock
TTL output buffer,
3.3 V capable,
4mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com