Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPEAR600 Datasheet(PDF) 26 Page - STMicroelectronics

Part # SPEAR600
Description  Embedded MPU with dual ARM926 core, flexible memory support, powerful connectivity features and programmable LCD interface
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPEAR600 Datasheet(HTML) 26 Page - STMicroelectronics

Back Button SPEAR600 Datasheet HTML 22Page - STMicroelectronics SPEAR600 Datasheet HTML 23Page - STMicroelectronics SPEAR600 Datasheet HTML 24Page - STMicroelectronics SPEAR600 Datasheet HTML 25Page - STMicroelectronics SPEAR600 Datasheet HTML 26Page - STMicroelectronics SPEAR600 Datasheet HTML 27Page - STMicroelectronics SPEAR600 Datasheet HTML 28Page - STMicroelectronics SPEAR600 Datasheet HTML 29Page - STMicroelectronics SPEAR600 Datasheet HTML 30Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 97 page
background image
Pin description
SPEAr600
26/97
Doc ID 16259 Rev 3
HOST1 USB
PHY
USB_HOST1_VDDBC
P3
2.5 V
USB_HOST1_VDDBS
R2
1.0 V
DEVICE USB
PHY
USB_DEV_VDDBC
U1
2.5 V
USB_DEV_VDDBS
U3
1.0 V
USB_DEV_VDD3V3
T3
3.3 V
USB PLL
USB_PLL_VDDP
V3
1.0 V
USB_PLL_VDDP2V5
W1
2.5 V
OSCI (MASTER
CLOCK)
MCLK_VDD
AA1
1.0 V
MCLK_VDD2V5
AA2
2.5 V
PLL1
DITH_VDD2V5
V4
2.5 V
DITH_VDD
U6
1.0 V
DDR I/O(1)
SSTL_VDDE1V8
U7, U8, U9, U11, U12, U14, U15
1.8/2.5 V
ADC
ADC_AVDD
W16
2.5 V
PLL2
DDR_MEM_PLL_VDD_ANA
W17
2.5 V
DDR_MEM_PLL_VDD_DIG
T17
1.0 V
LVDS I/O
LVDS_VDDE2V5
F11, F12, F14
2.5 V
OSCI RTC
RTC_VDDE_1V8
B10
1.8 V
1.
For DDRI the supply voltage must be 2.5 V, instead for DDRII the supply voltage must be 1.8 V.
Table 3.
Power supply pins (continued)
Group
Signal name
Ball
Value



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com