Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPEAR600 Datasheet(PDF) 16 Page - STMicroelectronics

Part # SPEAR600
Description  Embedded MPU with dual ARM926 core, flexible memory support, powerful connectivity features and programmable LCD interface
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPEAR600 Datasheet(HTML) 16 Page - STMicroelectronics

Back Button SPEAR600 Datasheet HTML 12Page - STMicroelectronics SPEAR600 Datasheet HTML 13Page - STMicroelectronics SPEAR600 Datasheet HTML 14Page - STMicroelectronics SPEAR600 Datasheet HTML 15Page - STMicroelectronics SPEAR600 Datasheet HTML 16Page - STMicroelectronics SPEAR600 Datasheet HTML 17Page - STMicroelectronics SPEAR600 Datasheet HTML 18Page - STMicroelectronics SPEAR600 Datasheet HTML 19Page - STMicroelectronics SPEAR600 Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 97 page
background image
Architecture overview
SPEAr600
16/97
Doc ID 16259 Rev 3
2.8
JPEG codec
Main features:
●
Compliance with the baseline JPEG standard (ISO/IEC 10918-1)
●
Single-clock per pixel encoding/decoding
●
Support for up to four channels of component color
●
8-bit/channel pixel depths
●
Programmable quantization tables (up to four)
●
Programmable Huffman tables (two AC and two DC)
●
Programmable minimum coded unit (MCU)
●
Configurable JPEG headers processing
●
Support for restart marker insertion
●
Use of two DMA channels and of two 8 x 32-bits FIFOs (local to the JPEG) for efficient
transferring and buffering of encoded/decoded data from/to the codec core.
2.9
8-channel ADC
Main features:
●
Successive approximation ADC
●
10-bit resolution @1 Msps
●
Hardware over sampling and accumulation up to 128 samples
●
Eight analog input (AIN) channels, ranging from 0 to 2.5 V
●
INL ± 1 LSB, DNL ± 1 LSB
●
Programmable conversion speed, (min. conversion time is 1 µs)
●
Programmable averaging of results from 1 (No averaging) up to 128
2.10
Ethernet controller
Main features:
●
Supports the default Gigabit Media Independent Interface (GMII)/Media Independent
Interface (MII) defined in the IEEE 802.3 specifications.
●
Supports 10/100/1000 Mbps data transfer rates with any one or a combination of the
above PHY interfaces
●
Supports both half-duplex and full-duplex operation. In half-duplex operation,
CSMA/CD protocol is provided for, as well as packet bursting and frame extension at
1000 Mbps
●
Programmable frame length to support both Standard and Jumbo Ethernet frames with
size up to 16 Kbytes
●
32-bit data transfer interface on system-side
●
A variety of flexible address filtering modes are supported
●
A set of control and status registers (CSRs) to control GMAC Core operation.
●
Complete network statistics with RMON Counters (MMC, MAC Management
Counters).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com