Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPEAR600 Datasheet(PDF) 64 Page - STMicroelectronics

Part # SPEAR600
Description  Embedded MPU with dual ARM926 core, flexible memory support, powerful connectivity features and programmable LCD interface
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPEAR600 Datasheet(HTML) 64 Page - STMicroelectronics

Back Button SPEAR600 Datasheet HTML 60Page - STMicroelectronics SPEAR600 Datasheet HTML 61Page - STMicroelectronics SPEAR600 Datasheet HTML 62Page - STMicroelectronics SPEAR600 Datasheet HTML 63Page - STMicroelectronics SPEAR600 Datasheet HTML 64Page - STMicroelectronics SPEAR600 Datasheet HTML 65Page - STMicroelectronics SPEAR600 Datasheet HTML 66Page - STMicroelectronics SPEAR600 Datasheet HTML 67Page - STMicroelectronics SPEAR600 Datasheet HTML 68Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 97 page
background image
Timing characteristics
SPEAr600
64/97
Doc ID 16259 Rev 3
Therefore, we have to add the value T to the clock path and the value T/2 to the command
path.
The waveform shown in Figure 8 refers to the pad or memory side, so the CLK edges are
centered on the command valid window. In this case, we consider the minimum values for t4
and t5 in order to obtain the minimum command valid window. We can consider t4 as the
tSETUP of the commands that can be defined as the time range where the commands are
stable before the arrival of the clock. To have a positive quantity the delay obtained by the
commands (maximum delay or last variation) must be less than the one obtained by the
clock (minimum delay).
So:
t4MIN = CLK (delay) MIN - CMD (delay) MAX =(T + t3MIN) - (T/2 + t2MAX) = T/2 - t2MAX + t3MIN
t5 can be expressed in a similar way, and can be defined as the tHOLD of the commands:
t5MIN = CMD (delay)MIN - CLK (delay)MAX = (T + T/2 + t2MIN) - (T + t3MAX) = T/2 - t3MAX
+t2MIN
Note:
CLK(delay) is the combination of delays experienced by the CLK signal, CMD(delay) is the
combination of delays experienced by the command/ctrl/address signal (both until the
capture performed by the memory).
Table 35 shows the internal chip timing without the contribution of the pads.
Table 35.
DDR2 command timings without pad delay
Period (T)
Frequency
t4MIN
t5MIN
3 ns
333 MHz
977 ps
1.33 ns
3.75 ns
266 MHz
1.35 ns
1.71 ns
5 ns
200 MHz
1.98 ns
2.33 ns
6 ns
166 MHz
2.49 ns
2.84 ns
7.5 ns
133 MHz
3.23 ns
3.59 ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com