Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPEAR600 Datasheet(PDF) 65 Page - STMicroelectronics

Part # SPEAR600
Description  Embedded MPU with dual ARM926 core, flexible memory support, powerful connectivity features and programmable LCD interface
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPEAR600 Datasheet(HTML) 65 Page - STMicroelectronics

Back Button SPEAR600 Datasheet HTML 61Page - STMicroelectronics SPEAR600 Datasheet HTML 62Page - STMicroelectronics SPEAR600 Datasheet HTML 63Page - STMicroelectronics SPEAR600 Datasheet HTML 64Page - STMicroelectronics SPEAR600 Datasheet HTML 65Page - STMicroelectronics SPEAR600 Datasheet HTML 66Page - STMicroelectronics SPEAR600 Datasheet HTML 67Page - STMicroelectronics SPEAR600 Datasheet HTML 68Page - STMicroelectronics SPEAR600 Datasheet HTML 69Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 97 page
background image
SPEAr600
Timing characteristics
Doc ID 16259 Rev 3
65/97
6.2
EXPI timing characteristics
The characterization timing is done for an output load of 10 pF on PL_CLKx and 5 pF on
PL_GPIO_x .The operating conditions are in worst case V=0.90 V TA =125 °C and in best
case V=1.10 V TA= 40 °C.
The timings are measured using TEST [5:0] = 101xxx: (Selg_cfg5 = EXPI with internal
clock). Please refer to the user manual for the description of the SoC_cfg bits in the MISC
registers.
Figure 10.
AHB EXPI transfer waveforms
Table 36.
EXPI - pad signal assignment
EXPI signal
Direction
PL_GPIOs signal assignment
HAdd(19:00)
Bidir.
PL_GPIO(19:00)
HAdd(21:20)
Bidir.
PL_GPIO(56:55)
HAdd(23-:22)
Bidir.
PL_GPIO(82:81)
HRWData(07:00)
Bidir.
PL_GPIO(27:20)
HRWData(15:08)
Bidir.
PL_GPIO(64:57)
HRWData(31:16)
Bidir.
PL_GPIO(80:65)
HSize(2-0)
Bidir.
PL_GPIO(30:28)
HWrite
Bidir.
PL_GPIO(31)
HBurst(2-0)
Bidir.
PL_GPIO(34:32)
HTrans(1-0)
Bidir.
PL_GPIO(36:35)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com