Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPEAR600 Datasheet(PDF) 59 Page - STMicroelectronics

Part # SPEAR600
Description  Embedded MPU with dual ARM926 core, flexible memory support, powerful connectivity features and programmable LCD interface
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPEAR600 Datasheet(HTML) 59 Page - STMicroelectronics

Back Button SPEAR600 Datasheet HTML 55Page - STMicroelectronics SPEAR600 Datasheet HTML 56Page - STMicroelectronics SPEAR600 Datasheet HTML 57Page - STMicroelectronics SPEAR600 Datasheet HTML 58Page - STMicroelectronics SPEAR600 Datasheet HTML 59Page - STMicroelectronics SPEAR600 Datasheet HTML 60Page - STMicroelectronics SPEAR600 Datasheet HTML 61Page - STMicroelectronics SPEAR600 Datasheet HTML 62Page - STMicroelectronics SPEAR600 Datasheet HTML 63Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 97 page
background image
SPEAr600
Electrical characteristics
Doc ID 16259 Rev 3
59/97
Note:
1
The oscillator generates a stable clock 1.5 ms after the power supply becomes stable.
2
The Pll lock time is given by the following formula:
Lock time = 4 ms / (decimal equivalent of PLL charge pump bit setting + 1)
The PLL charge pump (CP) bits are in the PLL1/2_CTR register in the Miscellaneous
register block. Please refer to the user manual for more details.
For example, if the application software sets CP = 01110 = 14 (decimal), then:
Lock time = 4 ms / 15 = 267 μs.
5.9
ADC electrical parameters
Table 30.
ADC characteristics
Parameters
Min
Typ
Max
Unit
Analog Input
Input range (absolute)
0-0.3
AVDD+0.3
V
Conversion Range
VREFN
VREFP
V
Input Capacitance
5
6.4
8
pF
Input Mux Resistance (Total
equivalent Sampling Resistance
1.5K
2K
2.5K
Ω
Power Supply
Analog Supply AVDD
2.25
2.5
2.8
V
Digital Supply VDD
0.9
1.0
1.1
V
External
Reference
voltages
VREFP
1.0
2.5
2.8
V
VREFN
0
0
0.7
V
Clock
Frequency
3
14
MHz
Performance
parameters
INL
± 1
LSB
DNL
± 1
LSB
Gain error
± 2
LSB
Offset error
± 2
LSB
Temperature
range
-40
25
125
°C
Current
Consumption
AVDD (External reference mode)
0.6
0.8
1
mA
AVDD (Power down mode EN=0)
0.4
µA
VDD (Functional mode)
0.1
0.15
0.2
mA
VDD (Power down mode)
1
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com