Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPEAR600 Datasheet(PDF) 96 Page - STMicroelectronics

Part # SPEAR600
Description  Embedded MPU with dual ARM926 core, flexible memory support, powerful connectivity features and programmable LCD interface
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPEAR600 Datasheet(HTML) 96 Page - STMicroelectronics

Back Button SPEAR600 Datasheet HTML 89Page - STMicroelectronics SPEAR600 Datasheet HTML 90Page - STMicroelectronics SPEAR600 Datasheet HTML 91Page - STMicroelectronics SPEAR600 Datasheet HTML 92Page - STMicroelectronics SPEAR600 Datasheet HTML 93Page - STMicroelectronics SPEAR600 Datasheet HTML 94Page - STMicroelectronics SPEAR600 Datasheet HTML 95Page - STMicroelectronics SPEAR600 Datasheet HTML 96Page - STMicroelectronics SPEAR600 Datasheet HTML 97Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 96 / 97 page
background image
Revision history
SPEAr600
96/97
Doc ID 16259 Rev 3
09-May-2012
3
Modified FSMC feature on page 1
Figure 2: Typical system architecture using SPEAr600:
– Deleted SRAM and ROM blocks which were connected to the
FSMC block
– Substituted SSP with 3xSSP
– Added the RAS block.
Section 1.1: Main features on page 9:
– Deleted the word “/parallel” from bullet seven (about FSMC)
– Replaced SPI with SSP in bullet sixteen.
– Modified number of GPIOs to 10
– Added information about RAS (Reconfigurable Array Subsystem)
Chapter 2: Architecture overview: reviewed the first introduction part.
Section 2.4: Flexible static memory controller:
– Updated the introduction.
– Main features: changed the sentence “Provides independent chip
select for each memory bank" by "Provides only one chip select for
the first memory bank"
Table 3: Power supply pins: swapped ball R1 from the “Digital ground
group” to the “Analog ground group”.
Section 2.15: UARTs: corrected the value of the baud rate to 3 Mbps
Table 48: Timing characteristics for 8-bit NAND Flash configuration
and Table 49: Timing characteristics for 16-bit NAND Flash
configuration: added three footnotes.
Table 3: Power supply pins: swapped ball R1 from the “Digital ground
group” to the “Analog ground group”.
Section 2.15: UARTs: corrected the value of the baud rate in 3 Mbps
Table 48: Timing characteristics for 8-bit NAND Flash configuration
and Table 49: Timing characteristics for 16-bit NAND Flash
configuration: added three footnotes.
Created the new Section 2.24: Reconfigurable array subsystem
connectivity (RAS).
Section 3.3: Configuration modes and Section Table 16.: Multiplexing
scheme: removed additional PL_GPIOs, PL_CLK signals and
renamed GPIOs to EXPI IOs
Section 6.6.3: GMII-MII Receive timing specifications: added
Table 52: GMII-MII RX timings.
Changed parameter TO to TA and added TJ in Table 21:
Recommended operating conditions
Updated Table 62: SPEAr600 PBGA420 thermal resistance
characteristics.
Table 63.
Document revision history (continued)
Date
Revision
Changes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com