Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPEAR600 Datasheet(PDF) 25 Page - STMicroelectronics

Part # SPEAR600
Description  Embedded MPU with dual ARM926 core, flexible memory support, powerful connectivity features and programmable LCD interface
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPEAR600 Datasheet(HTML) 25 Page - STMicroelectronics

Back Button SPEAR600 Datasheet HTML 21Page - STMicroelectronics SPEAR600 Datasheet HTML 22Page - STMicroelectronics SPEAR600 Datasheet HTML 23Page - STMicroelectronics SPEAR600 Datasheet HTML 24Page - STMicroelectronics SPEAR600 Datasheet HTML 25Page - STMicroelectronics SPEAR600 Datasheet HTML 26Page - STMicroelectronics SPEAR600 Datasheet HTML 27Page - STMicroelectronics SPEAR600 Datasheet HTML 28Page - STMicroelectronics SPEAR600 Datasheet HTML 29Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 97 page
background image
SPEAr600
Pin description
Doc ID 16259 Rev 3
25/97
Master
clock
MCLK_XI
Y1
Input
30 MHz crystal I
Oscillator,
2.5 V capable
MCLK_XO
Y2
Output
30 MHz crystal O
RTC
RTC_XI
A9
Input
32 kHz crystal I
Oscillator,
1.8 V capable
RTC_XO
B9
Output
32 kHz crystal O
Table 3.
Power supply pins
Group
Signal name
Ball
Value
DIGITAL
GROUND
GND
J9, J10, J11, J12, J13, J14, K9, K10,
K11, K12, K13, K14, L9, L10, L11,
L12, L13, L14, M9, M10, M11, M12,
M13, M14, N9, N10, N11, N12, N13,
N14, P9, P10, P11, P12, P13, P14,
M18, N18, P18, T5, V6
0 V
RTC_GNDE
A10
DITH_VSS
U5
DDR_MEM_PLL_VSS_DIG
U17
DIGITAL_GNDBGCOMP
E12
ANALOG
GROUND
ADC_AGND
V16
0 V
DDR_MEM_PLL_VSS_ANA
V17
USB_VSSC2V5
T4
USB_HOST1_VSSBS
R1
USB_HOST2_VSSBS
N2
USB_DEV_VSSBS
U2
USB_PLL_VSSP
W3
USB_PLL_VSSP2V5
W2
MCLK_GND
Y3
MCLK_GNDSUB
AA3
DITH_VSS2V5
V5
I/O
VDDE3V3
J6, H6, F8, F9, F16, H17, K17, L17,
N17, P17, M6, F17
3.3 V
CORE
VDD
G6, L6, G17, M17, R17, F10, F13,
F15, J17, T6, U13, U10, U16
1.0 V
HOST1/HOST2
USB PHY
USB_HOST_VDD3V3
R3
3.3V
HOST2 USB
PHY
USB_HOST2_VDDBC
N1
2.5 V
USB_HOST2_VDDBS
N3
1.0 V
Table 2.
System reset, master clock, RTC and configuration pins (continued)
Group
Signal name
Ball
Direction
Function
Pin type



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com