Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPEAR600 Datasheet(PDF) 27 Page - STMicroelectronics

Part # SPEAR600
Description  Embedded MPU with dual ARM926 core, flexible memory support, powerful connectivity features and programmable LCD interface
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPEAR600 Datasheet(HTML) 27 Page - STMicroelectronics

Back Button SPEAR600 Datasheet HTML 23Page - STMicroelectronics SPEAR600 Datasheet HTML 24Page - STMicroelectronics SPEAR600 Datasheet HTML 25Page - STMicroelectronics SPEAR600 Datasheet HTML 26Page - STMicroelectronics SPEAR600 Datasheet HTML 27Page - STMicroelectronics SPEAR600 Datasheet HTML 28Page - STMicroelectronics SPEAR600 Datasheet HTML 29Page - STMicroelectronics SPEAR600 Datasheet HTML 30Page - STMicroelectronics SPEAR600 Datasheet HTML 31Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 97 page
background image
SPEAr600
Pin description
Doc ID 16259 Rev 3
27/97
Table 4.
Debug pins
Group
Signal name
Ball
Direction
Function
Pin type
DEBUG
BOOT_SEL
K18
Input
Boot selection
TEST_0
E15
Input
Configuration
ports
TTL input
buffer, 3.3 V
tolerant, PD
TEST_1
E14
TEST_2
D14
TEST_3
D13
TEST_4
E13
TEST_5
D12
nTRST
D17
Input
Test reset Input
TTL Schmitt
trigger, input
buffer, 3.3 V
tolerant, PU
TDO
E17
Output
Test data outpuT
TTL output
buffer, 3.3 V
capable, 4 mA
TCK
E16
Input
Test clock
TTL Schmitt
trigger, input
buffer, 3.3 V
tolerant, PU
TDI
D16
Input
Test data input
TMS
D15
Input
Test mode select
Table 5.
SMI, SSP, UART, FIRDA and I2C pins
Group
Signal name
Ball
Direction
Function
Pin type
SMI
SMI_DATAIN
L21
Input
Serial Flash
input data
TTL input
buffer, 3.3 V
SMI_DATAOUT
L20
Output
Serial Flash
output data
TTL output
buffer, 3.3 V
capable,
4 mA
SMI_CLK
L22
Serial Flash
clock
SMI_CS_0
L19
Serial Flash
chip selects
SMI_CS_1
L18



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com