Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPEAR600 Datasheet(PDF) 61 Page - STMicroelectronics

Part # SPEAR600
Description  Embedded MPU with dual ARM926 core, flexible memory support, powerful connectivity features and programmable LCD interface
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPEAR600 Datasheet(HTML) 61 Page - STMicroelectronics

Back Button SPEAR600 Datasheet HTML 57Page - STMicroelectronics SPEAR600 Datasheet HTML 58Page - STMicroelectronics SPEAR600 Datasheet HTML 59Page - STMicroelectronics SPEAR600 Datasheet HTML 60Page - STMicroelectronics SPEAR600 Datasheet HTML 61Page - STMicroelectronics SPEAR600 Datasheet HTML 62Page - STMicroelectronics SPEAR600 Datasheet HTML 63Page - STMicroelectronics SPEAR600 Datasheet HTML 64Page - STMicroelectronics SPEAR600 Datasheet HTML 65Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 97 page
background image
SPEAr600
Timing characteristics
Doc ID 16259 Rev 3
61/97
Table 32 shows the internal chip timing without the contribution of the pads.
These values are obtained considering the nominal setting of DLL at T/4 period, in fact, the
DDR memory launches data (DQ) and data strobe (DQS) aligned. Internally the DQS is
delayed by T/4 (DLL) to guarantee correct data capture.
The waveforms in Figure 4 refers to the pad or memory side: so the data move around the
edges of DQS signals. In this case, we consider the maximum values for t4 and t5 to obtain
the minimum data valid window. For correct data capture (at the controller side) the last
arrival time of the data (last variation) must precede the first arrival of the data strobe:
t4MAX = DQS (delay)MIN - DQ (delay)MAX = (t1MIN + t2MIN + T/4 ±one DLL element
(a) ) -
t3MAX
t5 can be expressed in a similar way:
t5MAX = DQ (delay)MIN - DQS (delay)MAX = (T/2 + t3MIN) - (t1MAX + t2MAX + T/4 ± one DLL
element(a)) = T/4 + t3MIN - t1MAX - t2MAX ± one DLL element
(a)
Note:
DQS (delay) is the combination of delays experienced by the DQS (data strobe) signal, DQ
(delay) is the combination of delays experienced by the DQ (data) signal (both until the
capture is performed by the controller).
DQS (delay) depends on t1 and t2 while DQ (delay) depends on t3.
6.1.2
DDR2 write cycle timings
Figure 6.
DDR2 write cycle waveforms
5 ns
200 MHz
1.31 ns
842 ps
6 ns
166 MHz
1.56 ns
1.10 ns
7.5 ns
133 MHz
1.93 ns
1.47 ns
a.
The value “one DLL element” stands for the DLL accuracy, so we put ± one DLL element in the formulas. One
DLL element = 15 ps in best case and 85 ps in worst case.
Table 32.
DDR2 read cycle timings without pad delay (continued)
Period (T)
Frequency
t4MAX
t5MAX
t4
t5
t5
t4
DQS
DQ
t4
t5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com