Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPEAR600 Datasheet(PDF) 31 Page - STMicroelectronics

Part # SPEAR600
Description  Embedded MPU with dual ARM926 core, flexible memory support, powerful connectivity features and programmable LCD interface
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPEAR600 Datasheet(HTML) 31 Page - STMicroelectronics

Back Button SPEAR600 Datasheet HTML 27Page - STMicroelectronics SPEAR600 Datasheet HTML 28Page - STMicroelectronics SPEAR600 Datasheet HTML 29Page - STMicroelectronics SPEAR600 Datasheet HTML 30Page - STMicroelectronics SPEAR600 Datasheet HTML 31Page - STMicroelectronics SPEAR600 Datasheet HTML 32Page - STMicroelectronics SPEAR600 Datasheet HTML 33Page - STMicroelectronics SPEAR600 Datasheet HTML 34Page - STMicroelectronics SPEAR600 Datasheet HTML 35Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 97 page
background image
SPEAr600
Pin description
Doc ID 16259 Rev 3
31/97
Table 8.
GPIO pins
Group
Signal name
Ball
Direction
Function
Pin type
GPIO
GPIO_0
W18
I/O
General
purpose I/O
TTL bidirectional
buffer, 3.3 V
capable, 8mA,
3.3 V tolerant,
PU(1)
1.
When the pin is not driven, the output voltage is 2.5 V, On the core side, logic ‘1’ state is guaranteed.
GPIO_1
V18
GPIO_2
U18
GPIO_3
T18
GPIO_4
W19
GPIO_5
V19
GPIO_6
U19
GPIO_7
T19
GPIO_8
R19
GPIO_9
R18
Table 9.
ADC pins
Group
Signal name
Ball
Direction
Function
Pin Type
ADC
AIN_0
W11
Input
ADC analog
input channel
Analog buffer,
2.5 V tolerant
AIN_1
V11
AIN_2
V12
AIN_3
W12
AIN_4
W13
AIN_5
V13
AIN_6
V14
AIN_7
W14
ADC_VREFN
W15
ADC negative
voltage
ADC_VREP
V15
ADC positive
voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com