Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPEAR600 Datasheet(PDF) 14 Page - STMicroelectronics

Part # SPEAR600
Description  Embedded MPU with dual ARM926 core, flexible memory support, powerful connectivity features and programmable LCD interface
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPEAR600 Datasheet(HTML) 14 Page - STMicroelectronics

Back Button SPEAR600 Datasheet HTML 10Page - STMicroelectronics SPEAR600 Datasheet HTML 11Page - STMicroelectronics SPEAR600 Datasheet HTML 12Page - STMicroelectronics SPEAR600 Datasheet HTML 13Page - STMicroelectronics SPEAR600 Datasheet HTML 14Page - STMicroelectronics SPEAR600 Datasheet HTML 15Page - STMicroelectronics SPEAR600 Datasheet HTML 16Page - STMicroelectronics SPEAR600 Datasheet HTML 17Page - STMicroelectronics SPEAR600 Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 97 page
background image
Architecture overview
SPEAr600
14/97
Doc ID 16259 Rev 3
Main features:
Supports the following SPI-compatible Flash and EEPROM devices:
STMicroelectronics M25Pxxx, M45Pxxx
STMicroelectronics M95xxx, except M95040, M95020 and M95010
–ATMEL AT25Fxx
–YMC Y25Fxx
SST SST25LFxx
Acts always as a SPI master and supports up to 3 SPI slave memory devices (with
separate chip select signals), with up to 16 MB address space each
SMI clock (SMICLK) is generated by SMI (and input to all slaves) using a clock
provided by the AHB bus
SMI_CLK can be up to 50 MHz in fast read mode (or 20 MHz in normal mode). It can
be controlled by 7 programmable bits.
2.4
Flexible static memory controller
Root part number 1 provides Flash Nand Static Memory Controller (FSMC) which is
intended to interface an AHB bus to external NAND Flash memories.
Main purpose of FSMC is then:
Translate AHB protocol into the appropriate external storage device protocol
Meet the timing of the external devices, slowing down and counting an appropriate
number of HCLK (AHB clock) cycles to complete the transaction to the external device
Note:
The external storage device cannot be faster than one AHB cycle.
Main features of the FSMC are listed below:
The FSMC is an AMBA slave module connected to the AHB
Provides an interface between AHB system bus and Nand Flash memory devices with
8 and 16 bits wide data paths
FSMC performs only one access at a time and only one external device is accessed
Support little-endian and big-endian memory architectures
Handles AHB burst transfers to reduce access time to external devices
Supplies an independent configuration for each memory bank
Provides programmable timings to support a wide range of devices:
Programmable wait states (up to 31)
Programmable bus turn around cycles (up to 15)
Programmable output enable and write enable delays (up to 15)
Provides only one chip select for the first memory bank
Shares the address bus and the data bus with all the external peripherals, whereas
only chips selects are unique for each peripheral
Offers an external asynchronous wait control
Offers configurable size at reset for boot memory bank using external control pins.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com