Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPEAR600 Datasheet(PDF) 12 Page - STMicroelectronics

Part # SPEAR600
Description  Embedded MPU with dual ARM926 core, flexible memory support, powerful connectivity features and programmable LCD interface
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPEAR600 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button SPEAR600 Datasheet HTML 8Page - STMicroelectronics SPEAR600 Datasheet HTML 9Page - STMicroelectronics SPEAR600 Datasheet HTML 10Page - STMicroelectronics SPEAR600 Datasheet HTML 11Page - STMicroelectronics SPEAR600 Datasheet HTML 12Page - STMicroelectronics SPEAR600 Datasheet HTML 13Page - STMicroelectronics SPEAR600 Datasheet HTML 14Page - STMicroelectronics SPEAR600 Datasheet HTML 15Page - STMicroelectronics SPEAR600 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 97 page
background image
Architecture overview
SPEAr600
12/97
Doc ID 16259 Rev 3
market. The user custom logic can be configured using the following SoC internal
resources:
130 Kbyte of static memory arranged in four 32 KB macro group and one 2 KB group.
Up to 17 selectable source clocks (either internal or external)
DMA support (up to 16 configurable dma input/output request lines)
Power management I/F
Interrupts line (12 outputs - 64 inputs)
4 AHB output master ports interconnected with the multi-channel memory controller
5 AHB input slave ports
1 interconnection port with the Expansion Interface bus (EXPI)
9 LVDS (8 outputs - 1 input) signals
88/112 PL_GPIOs primary input/output signals
Caution:
PL GPIO pins are not configurable by software.
Common Subsystem
This block consists of four different logic subsystems used to control the SoC basic
functions:
I/O connectivity:
Low speed: UARTs, SSPs, I2C and IrDA
High speed: MII 10/100/1000, USB 2.0 host and devices
Hardware accelerator: JPEG-codec and DMA
Video: Color LCD interface
Common resources: Timers, GPIOs, RTC and Watchdog
Power management functionality
SoC configurability: Miscellaneous control logic
CPU Subsystem
The SPEAr600 has a symmetric processor architecture with:
2 equivalent subsystems including the ARM926 and its private subsystem logic
(GPIOs, Interrupt controller and Timer) providing the essential hardware resources to
support a generic Operating System
The subsystem is replicated twice so both processors have the same memory map.
This structure enables a true symmetric multi-processor architecture were both
processors can simultaneously execute the same OS (all interrupt sources are handled
by both processors)
All internal peripherals are shared, allowing flexible and efficient software partitions.
High aggregate throughput can be sustained by splitting critical tasks either onto
additional CPUs and optional hardware accelerator engines.
Both processors are equipped with ICE and ETM configurable debug interfaces. for
real-time CPU activity tracing and debugging.
4-bit and 8-bit normal trace mode and 4-bit demultiplexed trace mode is supported,
with normal or half-rate clock.
The internal architecture is also based on several shared subsystem logic blocks
interconnected through a multilayer interconnection matrix. The switch matrix structure



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com