Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPEAR600 Datasheet(PDF) 69 Page - STMicroelectronics

Part # SPEAR600
Description  Embedded MPU with dual ARM926 core, flexible memory support, powerful connectivity features and programmable LCD interface
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPEAR600 Datasheet(HTML) 69 Page - STMicroelectronics

Back Button SPEAR600 Datasheet HTML 65Page - STMicroelectronics SPEAR600 Datasheet HTML 66Page - STMicroelectronics SPEAR600 Datasheet HTML 67Page - STMicroelectronics SPEAR600 Datasheet HTML 68Page - STMicroelectronics SPEAR600 Datasheet HTML 69Page - STMicroelectronics SPEAR600 Datasheet HTML 70Page - STMicroelectronics SPEAR600 Datasheet HTML 71Page - STMicroelectronics SPEAR600 Datasheet HTML 72Page - STMicroelectronics SPEAR600 Datasheet HTML 73Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 97 page
background image
SPEAr600
Timing characteristics
Doc ID 16259 Rev 3
69/97
Figure 14.
EXPI signal timing waveforms
Table 40.
Clock and Reset
Parameter
Value
Frequency
CLK period
15
66.6 MHz
Tf CLK fall
0.81 ns
Tr CLK rise
0.81 ns
Output
Signals
Tmin (ns)
Tmax(ns)
Reset
0.84
6
Table 41.
SOC-master
Output
Signals
Tmin(ns)
Tmax(ns)
HADDR
2.66
12.33
HSIZE,HWRITE, HBURST,
HTRANS, HMASTLOCK, HSEL,
HReady_in (45)
2.85
11.11
HWDATA
2.77
13.7
Input
Tsetup(ns)
Thold(ns)
HReady_out(44), HRESP
0.6
1.68
HRDATA
-0.08
1.83
Table 42.
SOC-slave
Input
Signals
Tsetup(ns)
Thold(ns)
HADDR
1.37
1.83
HSIZE,HWRITE, HBURST,
HTRANS, HLOCK, HBUSREQ,
0.62
1.83
HWDATA
0.23
1.83
Input
thold
PL_ CLK1
PL _GPIO [x]
Tcloc k
Tr
Tf
Output
tsetup
tmax
tmin



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com