Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPEAR600 Datasheet(PDF) 73 Page - STMicroelectronics

Part # SPEAR600
Description  Embedded MPU with dual ARM926 core, flexible memory support, powerful connectivity features and programmable LCD interface
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPEAR600 Datasheet(HTML) 73 Page - STMicroelectronics

Back Button SPEAR600 Datasheet HTML 69Page - STMicroelectronics SPEAR600 Datasheet HTML 70Page - STMicroelectronics SPEAR600 Datasheet HTML 71Page - STMicroelectronics SPEAR600 Datasheet HTML 72Page - STMicroelectronics SPEAR600 Datasheet HTML 73Page - STMicroelectronics SPEAR600 Datasheet HTML 74Page - STMicroelectronics SPEAR600 Datasheet HTML 75Page - STMicroelectronics SPEAR600 Datasheet HTML 76Page - STMicroelectronics SPEAR600 Datasheet HTML 77Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 97 page
background image
SPEAr600
Timing characteristics
Doc ID 16259 Rev 3
73/97
Note:
1
Tstable = Tclock direct max - (Tmax + Tmin)
2
For Tmax the maximum value is taken from the worst case and for Tmin the minimum value
is taken from the best case.
3CLCP should be delayed by {Tmax + [Tclock direct max - (Tmax + Tmin)]/2} = 6.945 ns
6.4
I2C timing characteristics
The characterization timing is given for an output load of 10 pF on SCL and SDA.
The operating conditions are V=0.90 V, T=125 °C in worst case and V=1.10 V, TA= 40 °C in
best case.
Figure 19.
I2C output pads
Figure 20.
I2C input pads
The flip-flops used to capture the incoming signals are re-synchronized with the AHB clock:
so no input delay calculation is required.
Q
Q
SET
CLR
D
Q
Q
SET
CL R
D
HCLK
SCL
SDA
Q
Q
SET
CLR
D
Q
Q
SET
CLR
D
HCLK
SDA
SCL
Q
Q
SET
CL R
D
Q
Q
SET
CL R
D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com