Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPEAR600 Datasheet(PDF) 80 Page - STMicroelectronics

Part # SPEAR600
Description  Embedded MPU with dual ARM926 core, flexible memory support, powerful connectivity features and programmable LCD interface
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPEAR600 Datasheet(HTML) 80 Page - STMicroelectronics

Back Button SPEAR600 Datasheet HTML 76Page - STMicroelectronics SPEAR600 Datasheet HTML 77Page - STMicroelectronics SPEAR600 Datasheet HTML 78Page - STMicroelectronics SPEAR600 Datasheet HTML 79Page - STMicroelectronics SPEAR600 Datasheet HTML 80Page - STMicroelectronics SPEAR600 Datasheet HTML 81Page - STMicroelectronics SPEAR600 Datasheet HTML 82Page - STMicroelectronics SPEAR600 Datasheet HTML 83Page - STMicroelectronics SPEAR600 Datasheet HTML 84Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 80 / 97 page
background image
Timing characteristics
SPEAr600
80/97
Doc ID 16259 Rev 3
Note:
Values in Table 49 are referred to the common internal source clock which has a period of
THCLK = 6 ns.
6.6
Ether MAC 10/100/1000 Mbps (GMAC-Univ) timing
characteristics
The characterization timing is given for an output load of 5 pF on the GMII TX clock and 10
pF on the other pads. The operating conditions are in worst case V=0.90 V, T=125 ° C and
in best case V=1.10 V, T= 40 ° C.
6.6.1
GMII Transmit timing specifications
Figure 33.
GMII TX waveforms
Figure 34.
Block diagram of GMII TX pins
Table 50.
GMII TX timing
Parameter
Value using GMII [tCLK period = 8 ns 125 MHz]
trise (tr)
<1 ns
tfall (tf)
<1 ns
tmax= t2max- t3min
2.8 ns
tmin= t2min- t3max
0.4 ns
tSETUP
5.19 ns
Tmin
Tmax
GMIITX_CLK
TXD0-TXD3,
GMIITX_D4-GMIITX_D7,
TXEN, TXER
Tclock
Tr
Tf
Q
Q
SET
CLR
D
t2
t3
GMII_TXCLK
TX[0..3], GMII_TX[4..7],
TXEN, TXER
CLK
TX[0..3], GMII_TX[4..7],
TXEN, TXER



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com