Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPEAR600 Datasheet(PDF) 42 Page - STMicroelectronics

Part # SPEAR600
Description  Embedded MPU with dual ARM926 core, flexible memory support, powerful connectivity features and programmable LCD interface
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPEAR600 Datasheet(HTML) 42 Page - STMicroelectronics

Back Button SPEAR600 Datasheet HTML 38Page - STMicroelectronics SPEAR600 Datasheet HTML 39Page - STMicroelectronics SPEAR600 Datasheet HTML 40Page - STMicroelectronics SPEAR600 Datasheet HTML 41Page - STMicroelectronics SPEAR600 Datasheet HTML 42Page - STMicroelectronics SPEAR600 Datasheet HTML 43Page - STMicroelectronics SPEAR600 Datasheet HTML 44Page - STMicroelectronics SPEAR600 Datasheet HTML 45Page - STMicroelectronics SPEAR600 Datasheet HTML 46Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 97 page
background image
Pin description
SPEAr600
42/97
Doc ID 16259 Rev 3
3.3.4
Disable GMAC ctr
The GMAC interface is disabled and alternatively the following features are provided:
●
Two UARTs : one with extension for modem flow control and one with simplified
hardware flow control
●
One additional SMI chip select (please refer to section 17.8.1 in the SPEAr600 user
manual for more details).
●
Four additional clocks programmable trough the GPT registers. Please refer to the
SPEAr600 user manual (UM0510) for more details.
3.3.5
Self cfg_4
In this mode the AHB expansion interface is enabled on the PL_GPIO (83:0) pins. In this
mode source clock and reset signals are provided from the external application logic.
3.3.6
Self cfg_5
In this mode the AHB expansion interface is enabled on the PL_GPIO (83:0) pins. In this
mode source clock and reset signals are internally provided.
3.3.7
All processors disabled
This mode configures the SoC as an I/O slave target device controlled by an external master
application (the internal processors can be disabled).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com