Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPEAR600 Datasheet(PDF) 23 Page - STMicroelectronics

Part # SPEAR600
Description  Embedded MPU with dual ARM926 core, flexible memory support, powerful connectivity features and programmable LCD interface
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPEAR600 Datasheet(HTML) 23 Page - STMicroelectronics

Back Button SPEAR600 Datasheet HTML 19Page - STMicroelectronics SPEAR600 Datasheet HTML 20Page - STMicroelectronics SPEAR600 Datasheet HTML 21Page - STMicroelectronics SPEAR600 Datasheet HTML 22Page - STMicroelectronics SPEAR600 Datasheet HTML 23Page - STMicroelectronics SPEAR600 Datasheet HTML 24Page - STMicroelectronics SPEAR600 Datasheet HTML 25Page - STMicroelectronics SPEAR600 Datasheet HTML 26Page - STMicroelectronics SPEAR600 Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 97 page
background image
SPEAr600
Architecture overview
Doc ID 16259 Rev 3
23/97
–
4 dual port memory cuts (1024 words x 32 bits)
●
Clock system constituted by:
–
5 clocks coming from the external balls
–
4 clocks coming from the integrated frequency synthesizers
–
CPU core clock frequency
–
Pll2 frequency
–
48 MHz clock (USB Pll)
–
30 MHz clock (Main Oscillator)
–
32.768 kHz clock (RTC Oscillator)
–
APB clock (programmable)
–
AHB clock (programmable)
–
User Configurable sync/async clock towards Memory Controller port 2 (M2)
●
Connection with 84/112 I/Os
●
Connection with 9 LVDS lines
●
12 interrupt lines towards CPU1 and CPU2
●
64 interrupt input lines from the various platform IP sources
●
16 peripheral DMA request lines
●
64 user configurable (in the SoC) general purpose input lines
●
64 user configurable (in the RAS) general purpose output lines
●
SoC dynamic power management control interface;
●
50 specific ATE Test interface signals dedicated to RAS
2.25
External Port Controller (EXPI I/F)
The port controller is a socket communication interface between the SPEAr600 and an
external FPGA device; it implements a simple AHB bidirectional protocol used to compress
a couple of std AHB master/slave bus onto 84 PL_GPIOs and 4 PL_CLK primary signals.
Caution:
PL_GPIO pins are not configurable by software.
ST provide a symmetric port controller logic solution to be embedded inside the external
FPGA with the purpose of interfacing the EXPI bus directly and decompressing the same
pair of AHB master/slave ports on the FPGA side in order to interconnect the customer logic
as follows (more slave and master agents can be connected to the EXPI):
SPEAr600_AHB-master >> FPGA_AHB-slave
SPEAr600_AHB-slave << FPGA_AHB-master (AHB-full)
The EXPI interface is based on two main groups of signals:
●
AHB bidirectional signal bus driven alternatively from the SPEAr600 and FPGA side.
●
Unidirectional signals continuously driven from both the SPEAr600 and FPGA sides.
Table 36: EXPI - pad signal assignment lists the EXPI signal names. Further details in these
signals are given in the SPEAr600 user manual (UM0510)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com