Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPEAR600 Datasheet(PDF) 76 Page - STMicroelectronics

Part # SPEAR600
Description  Embedded MPU with dual ARM926 core, flexible memory support, powerful connectivity features and programmable LCD interface
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPEAR600 Datasheet(HTML) 76 Page - STMicroelectronics

Back Button SPEAR600 Datasheet HTML 72Page - STMicroelectronics SPEAR600 Datasheet HTML 73Page - STMicroelectronics SPEAR600 Datasheet HTML 74Page - STMicroelectronics SPEAR600 Datasheet HTML 75Page - STMicroelectronics SPEAR600 Datasheet HTML 76Page - STMicroelectronics SPEAR600 Datasheet HTML 77Page - STMicroelectronics SPEAR600 Datasheet HTML 78Page - STMicroelectronics SPEAR600 Datasheet HTML 79Page - STMicroelectronics SPEAR600 Datasheet HTML 80Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 97 page
background image
Timing characteristics
SPEAr600
76/97
Doc ID 16259 Rev 3
6.5
FSMC timing characteristics
The characterization timing is done using primetime considering an output load of 3 pF on
the data, 15 pF on NF_CE, NF_RE and NF_WE and 10 pF on NF_ALE and NF_CLE.
The operating conditions are V=0.90 V, T=125 °C in worst case and V=1.10 V, T= 40 °C in
best case.
6.5.1
8-bit NAND Flash configuration
Figure 23.
Output pads for 8-bit NAND Flash configuration
Figure 24.
Input pads for 8-bit NAND Flash configuration
Figure 25.
Output command signal waveforms for 8-bit NAND Flash configuration
Q
Q
SET
CLR
D
Q
Q
SET
CLR
D
HCLK
NFALE
NFCLE
NFIO_0..7
NFCE
NFWE
NFRE
NFRWPRT
...
...
...
Q
Q
SET
CLR
D
Q
Q
SET
CLR
D
HCLK
NFIO_0..7
NFRB
NFCLE
NFCE
NFWE
NFIO
Command
TCLE
TWE
TIO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com