Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPEAR600 Datasheet(PDF) 72 Page - STMicroelectronics

Part # SPEAR600
Description  Embedded MPU with dual ARM926 core, flexible memory support, powerful connectivity features and programmable LCD interface
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPEAR600 Datasheet(HTML) 72 Page - STMicroelectronics

Back Button SPEAR600 Datasheet HTML 68Page - STMicroelectronics SPEAR600 Datasheet HTML 69Page - STMicroelectronics SPEAR600 Datasheet HTML 70Page - STMicroelectronics SPEAR600 Datasheet HTML 71Page - STMicroelectronics SPEAR600 Datasheet HTML 72Page - STMicroelectronics SPEAR600 Datasheet HTML 73Page - STMicroelectronics SPEAR600 Datasheet HTML 74Page - STMicroelectronics SPEAR600 Datasheet HTML 75Page - STMicroelectronics SPEAR600 Datasheet HTML 76Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 97 page
background image
Timing characteristics
SPEAr600
72/97
Doc ID 16259 Rev 3
Note:
1
Tstable = Tclock direct max - (Tmax + Tmin)
2
For Tmax the maximum value is taken from the worst case and best case, while for Tmin the
minimum value is taken from the worst case and best case.
3CLCP should be delayed by {Tmax + [Tclock direct max - (Tmax + Tmin)]/2} = 4.7915 ns
6.3.2
CLCD timing characteristics divided clock
Figure 17.
CLCD waveform with CLCP divided
Figure 18.
CLCD block diagram with CLCP divided
Table 44.
CLCD timings with CLCP divided
Parameter
Value
Frequency
Tclock divided max
12 ns
83.3 MHz
Tclock divided max rise (Tr)
0.81 ns
Tclock divided max (Tf)
0.87 ns
Tmin
-0.49 ns
Tmax
2.38 ns
Tstable
9.13 ns
Tmin
Tmax
CLCP
CLD[23:0], CLAC, CLLE,
CLLP, CLFP, CLPOWER
Tclock
Tr
Tf
Tstable
Q
Q
SET
CLR
D
t2
CLCP
CLD[23:0], CLAC, CLLE,
CLLP, CLFP, CLPOWER
CLCDCLK
t1
Q
Q
SET
CLR
D
t3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com