Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPEAR600 Datasheet(PDF) 24 Page - STMicroelectronics

Part # SPEAR600
Description  Embedded MPU with dual ARM926 core, flexible memory support, powerful connectivity features and programmable LCD interface
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPEAR600 Datasheet(HTML) 24 Page - STMicroelectronics

Back Button SPEAR600 Datasheet HTML 20Page - STMicroelectronics SPEAR600 Datasheet HTML 21Page - STMicroelectronics SPEAR600 Datasheet HTML 22Page - STMicroelectronics SPEAR600 Datasheet HTML 23Page - STMicroelectronics SPEAR600 Datasheet HTML 24Page - STMicroelectronics SPEAR600 Datasheet HTML 25Page - STMicroelectronics SPEAR600 Datasheet HTML 26Page - STMicroelectronics SPEAR600 Datasheet HTML 27Page - STMicroelectronics SPEAR600 Datasheet HTML 28Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 97 page
background image
Pin description
SPEAr600
24/97
Doc ID 16259 Rev 3
3
Pin description
The following tables describe the pinout of the SPEAr600 listed by functional block.
This description refers to the default configuration of SPEAr600 (full features).
More details on the configuration of each pin are given in Table 16: Multiplexing scheme.
Table 2: System reset, master clock, RTC and configuration pins
Table 3: Power supply pins
Table 4: Debug pins
Table 5: SMI, SSP, UART, FIRDA and I2C pins
Table 6: USB pins
Table 7: Ethernet pins
Table 8: GPIO pins
Table 9: ADC pins
Table 10: NAND Flash I/F pins
Table 11: DDR I/F pins
Table 12: LCD I/F pins
Table 13: LVDS I/F pins
Table 14: EXPI/I2S pins
Table 15: EXPI pins
List of abbreviations:
PU = Pull Up
PD = Pull Down
3.1
Required external components
1.
DDR_COMP_1V8: place an external 121 k
Ω resistor between ball V7 and ball V8
2.
DDR_COMP_2V5: place an external 121 k
Ω resistor between ball V9 and ball V8
3.
USB_RREF: connect an external 1.5 k
Ω pull-down resistor to ball U4
4.
DIGITAL_REXT: place an external 121 k
Ω resistor between ball E11 and ball E126.
3.2
Pin descriptions listed by functional block
Table 2.
System reset, master clock, RTC and configuration pins
Group
Signal name
Ball
Direction
Function
Pin type
SYSTEM
RESET
MRESET
C17
Input
Main reset
TTL Schmitt
trigger input
buffer,
3.3 V tolerant, PU
CONFIG
DIGITAL_REXT
E11
Ref
Configuration
Analog,
3.3 V capable,
See Note 4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com