Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPEAR600 Datasheet(PDF) 17 Page - STMicroelectronics

Part # SPEAR600
Description  Embedded MPU with dual ARM926 core, flexible memory support, powerful connectivity features and programmable LCD interface
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPEAR600 Datasheet(HTML) 17 Page - STMicroelectronics

Back Button SPEAR600 Datasheet HTML 13Page - STMicroelectronics SPEAR600 Datasheet HTML 14Page - STMicroelectronics SPEAR600 Datasheet HTML 15Page - STMicroelectronics SPEAR600 Datasheet HTML 16Page - STMicroelectronics SPEAR600 Datasheet HTML 17Page - STMicroelectronics SPEAR600 Datasheet HTML 18Page - STMicroelectronics SPEAR600 Datasheet HTML 19Page - STMicroelectronics SPEAR600 Datasheet HTML 20Page - STMicroelectronics SPEAR600 Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 97 page
background image
SPEAr600
Architecture overview
Doc ID 16259 Rev 3
17/97
●
Native DMA with single-channel Transmit and Receive engines, providing 32/64/128-bit
data transfers
●
DMA implements dual-buffer (ring) or linked-list (chained) descriptor chaining
●
A set of CSRs to control DMA operation
●
An AHB slave acting as programming interface to access all CSRs, for both DMA and
GMAC core subsystems
●
An AHB master for data transfer to system memory
●
32-bit AHB master bus width, supporting 32-bit wide data transactions
●
Supports both big-endian and little-endian byte ordering
●
Power Management Module (PMT) with Remote Wake-up and Magic Packet frame
processing options
2.11
USB2 host controller
SPEAr600 has two fully independent USB 2.0 hosts. Each consists of 5 major blocks:
●
EHCI capable of managing high-speed transfers (HS mode, 480 Mbps)
●
OHCI that manages the full and the low speed transfers (12 and 1.5 Mbps)
●
Local 2-Kbyte FIFO
●
Local DMA
●
Integrated USB2 transceiver (PHY)
Both hosts can manage an external power switch, providing a control line to enable or
disable the power, and an input line to sense any over-current condition detected by the
external switch.
Both host controllers can perform high speed transfer simultaneously.
2.12
USB2 device controller
Main features:
●
Supports 480 Mbps high-speed mode (HS) for USB 2.0, as well as 12 Mbps full-speed
(FS) and the low-speed (LS modes) for USB 1.1
●
Supports 16 physical endpoints, which can be assigned to different interfaces and
configurations to implement logical endpoints
●
Integrated USB transceiver (PHY)
●
Local 4 Kbyte FIFO shared by all endpoints
●
DMA mode and slave-only mode are supported
●
In DMA mode, the UDC supports descriptor-based memory structures in application
memory
●
In both modes, an AHB slave is provided by UDC-AHB, acting as programming
interface to access to memory-mapped control and status registers (CSRs)
●
An AHB master for data transfer to system memory is provided, supporting 8, 16, and
32-bit wide data transactions on the AHB bus
●
A USB plug detect (UPD) which detects the connection of a cable.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com