Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPEAR600 Datasheet(PDF) 41 Page - STMicroelectronics

Part # SPEAR600
Description  Embedded MPU with dual ARM926 core, flexible memory support, powerful connectivity features and programmable LCD interface
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPEAR600 Datasheet(HTML) 41 Page - STMicroelectronics

Back Button SPEAR600 Datasheet HTML 37Page - STMicroelectronics SPEAR600 Datasheet HTML 38Page - STMicroelectronics SPEAR600 Datasheet HTML 39Page - STMicroelectronics SPEAR600 Datasheet HTML 40Page - STMicroelectronics SPEAR600 Datasheet HTML 41Page - STMicroelectronics SPEAR600 Datasheet HTML 42Page - STMicroelectronics SPEAR600 Datasheet HTML 43Page - STMicroelectronics SPEAR600 Datasheet HTML 44Page - STMicroelectronics SPEAR600 Datasheet HTML 45Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 97 page
background image
SPEAr600
Pin description
Doc ID 16259 Rev 3
41/97
3.3
Configuration modes
The previous tables show the connectivity of the pins in the default configuration mode (full
features). On top of this SPEAr600 can be also configured in different modes.
This section describes the main operating modes created by disabling some IPs to enable
other ones.
The following modes can be selected by setting the TEST_0 .. TEST_5 pins at the
appropriate values. This setting is used to program the control register (SOC_CFG_CTR)
present in the Miscellaneous registers block (MISC). Please refer to the section 11.4.3 of the
SPEAr600 reference manual (RM0305)
Mode 0: Full features
Mode 1: Disable_nand_flash
Mode 2: Disable_LCD_ctr
Mode 3: Disable_GMAC_ctr
Mode 4: self_cfg4
Mode 5: self_cfg5
Mode6: Full RAS
Mode7: All_Process_disable
Table 16: Multiplexing scheme shows all the alternate functions available in each mode.
Mode 0 is the default mode for SPEAr600.
3.3.1
Full features
Default configuration, I/O standard features.
3.3.2
Disable NAND Flash
The NAND Flash interface is disabled and alternatively the following features are provided:
UART extension for modem flow control
One additional SMI chip select (please refer to section 17.8.1 in the SPEAr600 user
manual for more details).
3.3.3
Disable LCD ctr
The Color LCD controller interface is disabled and alternatively the following features are
provided:
UART extension for modem flow control
One additional clock programmable trought GPT registers. Please refer to the
SPEAr600 user manual (UM0510) for more details.
Additional 8 data lines of NAND Flash interface not otherwise available.
One additional SMI chip select (please refer to section 17.8.1 in the SPEAr600 user
manual for more details).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com