Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPEAR600 Datasheet(PDF) 68 Page - STMicroelectronics

Part # SPEAR600
Description  Embedded MPU with dual ARM926 core, flexible memory support, powerful connectivity features and programmable LCD interface
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPEAR600 Datasheet(HTML) 68 Page - STMicroelectronics

Back Button SPEAR600 Datasheet HTML 64Page - STMicroelectronics SPEAR600 Datasheet HTML 65Page - STMicroelectronics SPEAR600 Datasheet HTML 66Page - STMicroelectronics SPEAR600 Datasheet HTML 67Page - STMicroelectronics SPEAR600 Datasheet HTML 68Page - STMicroelectronics SPEAR600 Datasheet HTML 69Page - STMicroelectronics SPEAR600 Datasheet HTML 70Page - STMicroelectronics SPEAR600 Datasheet HTML 71Page - STMicroelectronics SPEAR600 Datasheet HTML 72Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 97 page
background image
Timing characteristics
SPEAr600
68/97
Doc ID 16259 Rev 3
Input path:
tSETUP = tSETUP_FF + tIN(max) + tCK_PAD(max) - tCK_FF
tHOLD = tHOLD_FF - tIN(min) - tCK_PAD(min) + tCK_FF
Output Path:
tmax = (tOUT + tCK_FF)(max) - tCK_PAD(min)
tmin = (tOUT + tCK_FF)(min) - tCK_PAD(max)
Note:
For tSETUP, tHOLD and tmax are taken the maximum value from worst case and best case,
while the minimum value is taken for tmin.
6.2.2
Pad delay enabled
Figure 13.
EXPI pad delay enabled block diagram
Note:
The pad of the clock is disabled or enabled using the expi_clk_retim bit in the
EXPI_CLK_CFG register. Refer to the MISC registers chapter of the user manual).
HSIZE,HWRITE, HBURST,
HTRANS, HLOCK, HBUSREQ,
7.02
-1.94
HWDATA
6.17
-1.94
Output
tmin(ns)
tmax(ns)
HGRANT, HReady_mst(43),
HRESP
-0.66
4.21
HRDATA
-1.09
7.34
Table 39.
SOC-slave (continued)
Input
Q
Q
SET
CL R
D
tout
tck_pad
CLK
PL_GPIO[x]
tin
Q
Q SET
CL R
D
PL_CLK1
tck_ff



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com