Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPEAR600 Datasheet(PDF) 40 Page - STMicroelectronics

Part # SPEAR600
Description  Embedded MPU with dual ARM926 core, flexible memory support, powerful connectivity features and programmable LCD interface
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPEAR600 Datasheet(HTML) 40 Page - STMicroelectronics

Back Button SPEAR600 Datasheet HTML 36Page - STMicroelectronics SPEAR600 Datasheet HTML 37Page - STMicroelectronics SPEAR600 Datasheet HTML 38Page - STMicroelectronics SPEAR600 Datasheet HTML 39Page - STMicroelectronics SPEAR600 Datasheet HTML 40Page - STMicroelectronics SPEAR600 Datasheet HTML 41Page - STMicroelectronics SPEAR600 Datasheet HTML 42Page - STMicroelectronics SPEAR600 Datasheet HTML 43Page - STMicroelectronics SPEAR600 Datasheet HTML 44Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 97 page
background image
Pin description
SPEAr600
40/97
Doc ID 16259 Rev 3
EXPI
PL_GPIO_64
C6
I/O
Logic I/O
TTL bidirectional
buffer
3.3 V capable,
3.3 V tolerant,
4mA,
PU(1)
PL_GPIO_65
D6
PL_GPIO_66
E6
PL_GPIO_67
F6
PL_GPIO_68
F7
PL_GPIO_69
E7
PL_GPIO_70
D7
PL_GPIO_71
C7
PL_GPIO_72
B7
PL_GPIO_73
E8
PL_GPIO_74
D8
PL_GPIO_75
C8
PL_GPIO_76
B8
PL_GPIO_77
A8
PL_GPIO_78
C9
PL_GPIO_79
D9
PL_GPIO_80
E9
PL_GPIO_81
E10
PL_GPIO_82
D10
PL_GPIO_83
C10
PL_CLK_1
A7
Logic External
Clock
TTL bidirectional
buffer, 3.3 V
capable, 8 mA,
3.3 V tolerant,
PU(1)
PL_CLK_2
A6
PL_CLK_3
A5
1.
When the pin is not driven, the output voltage is 2.5 V, On the core side, logic ‘1’ state is guaranteed
Table 15.
EXPI pins (continued)
Group
Signal name
Ball
Direction
Function
Pin Type



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com