Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPEAR600 Datasheet(PDF) 18 Page - STMicroelectronics

Part # SPEAR600
Description  Embedded MPU with dual ARM926 core, flexible memory support, powerful connectivity features and programmable LCD interface
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPEAR600 Datasheet(HTML) 18 Page - STMicroelectronics

Back Button SPEAR600 Datasheet HTML 14Page - STMicroelectronics SPEAR600 Datasheet HTML 15Page - STMicroelectronics SPEAR600 Datasheet HTML 16Page - STMicroelectronics SPEAR600 Datasheet HTML 17Page - STMicroelectronics SPEAR600 Datasheet HTML 18Page - STMicroelectronics SPEAR600 Datasheet HTML 19Page - STMicroelectronics SPEAR600 Datasheet HTML 20Page - STMicroelectronics SPEAR600 Datasheet HTML 21Page - STMicroelectronics SPEAR600 Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 97 page
background image
Architecture overview
SPEAr600
18/97
Doc ID 16259 Rev 3
2.13
Synchronous Serial Peripheral (SSP)
The SPEAR600 has three Synchronous Serial Peripherals (SSPs) (SPI, Microwire or TI
protocol).
Main features:
Maximum speed of 40 Mbps
Programmable choice of interface protocol:
SPI (Motorola)
Microwire (National Semiconductor)
TI synchronous serial
Programmable data frame size from 4 to 16-bit.
Master and slave mode capability.
DMA interface
2.14
I2C
Main features:
Compliance to the I2C bus specification (Philips)
I2C v2.0 compatible.
Supports three modes:
Standard (100 kbps)
Fast (400 kbps)
High-speed (3.4 Mbps)
Master and slave mode configuration possible
Slave Bulk data transfer capability
DMA interface
2.15
UARTs
The SPEAr600 has two UARTs.
Main features:
Hardware flow control
Separate 16x8 (16 locations deep x 8 bits wide) transmit and 16 x 12 receive FIFOs to
reduce CPU interrupts
Speed up to 3 Mbps



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com