Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPEAR600 Datasheet(PDF) 19 Page - STMicroelectronics

Part # SPEAR600
Description  Embedded MPU with dual ARM926 core, flexible memory support, powerful connectivity features and programmable LCD interface
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPEAR600 Datasheet(HTML) 19 Page - STMicroelectronics

Back Button SPEAR600 Datasheet HTML 15Page - STMicroelectronics SPEAR600 Datasheet HTML 16Page - STMicroelectronics SPEAR600 Datasheet HTML 17Page - STMicroelectronics SPEAR600 Datasheet HTML 18Page - STMicroelectronics SPEAR600 Datasheet HTML 19Page - STMicroelectronics SPEAR600 Datasheet HTML 20Page - STMicroelectronics SPEAR600 Datasheet HTML 21Page - STMicroelectronics SPEAR600 Datasheet HTML 22Page - STMicroelectronics SPEAR600 Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 97 page
background image
SPEAr600
Architecture overview
Doc ID 16259 Rev 3
19/97
2.16
Fast IrDA controller
The SPEAr600 has a Fast IrDA controller.
Main features:
●
Supports the following standards:
–
IrDA serial infrared physical layer specification (IrPHY), version 1.3
–
IrDA link access protocol (IrLAP), version 1.1
●
Supports the following infrared modes and baud rates:
–
Serial infrared (SIR), with rates 9.6 kbps, 19.2 kbps, 38.4 kbps, 57.6 kbps and
115.2 kbps
–
Medium Infrared (MIR), with rates 576 kbps and 1.152 Mbps
–
Fast Infrared (FIR), with rate 4 Mbps
●
Transceiver interface compliant to all IrDA transceivers with configurable TX and RX
signal polarity
●
Half-duplex infrared frame transmission and reception
●
16-bit CRC algorithm for SIR and MIR, and 32-bit CRC algorithm for FIR
●
Generates preamble, start and stop flags
●
Uses the RZI (Return-to-Zero Inverted) modulation/demodulation scheme for SIR and
MIR, and the 4PPM (4 Pulse Position Modulation) modulation/demodulation scheme
for FIR
●
Provides synchronization by means of a DPLL in FIR mode
●
Easily adaptable to different bus systems with 32-bit register interface and FIFO with
configurable FIFO size
2.17
I2S audio block
SPEAr600 contains three I2S interfaces providing the following features.
Main features:
●
Conversion of AHB protocol to I2S protocol and vice versa
●
Supports 2.0, 2.1 and 3.1 audio outputs (I2S master mode)
●
32 (16L + 16R) and 64 bit (32L + 32R) of raw PCM data length supported
●
MIC/Line-In (2.0) recording (I2S master/slave mode)
●
Stereo headphone out
2.18
System controller
The System Controller provides an interface for controlling the operation of the overall
system.
Main features:
●
Power saving system mode control
●
Crystal oscillator and PLL control
●
Configuration of system response to interrupts



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com