Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPEAR600 Datasheet(PDF) 89 Page - STMicroelectronics

Part # SPEAR600
Description  Embedded MPU with dual ARM926 core, flexible memory support, powerful connectivity features and programmable LCD interface
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPEAR600 Datasheet(HTML) 89 Page - STMicroelectronics

Back Button SPEAR600 Datasheet HTML 85Page - STMicroelectronics SPEAR600 Datasheet HTML 86Page - STMicroelectronics SPEAR600 Datasheet HTML 87Page - STMicroelectronics SPEAR600 Datasheet HTML 88Page - STMicroelectronics SPEAR600 Datasheet HTML 89Page - STMicroelectronics SPEAR600 Datasheet HTML 90Page - STMicroelectronics SPEAR600 Datasheet HTML 91Page - STMicroelectronics SPEAR600 Datasheet HTML 92Page - STMicroelectronics SPEAR600 Datasheet HTML 93Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 89 / 97 page
background image
SPEAr600
Timing characteristics
Doc ID 16259 Rev 3
89/97
Figure 45.
SPI master mode external timing (CPHA = 1)
6
Hold time, MISO (input)
valid after SSP_SCLK
(output) falling edge
0
-8.956
-10.149
-9.785
ns
7
Hold time, MISO (input)
valid after SSP_SCLK
(output) rising edge
1
-8.849
-10.112
-9.753
ns
Table 60.
Timing requirements for SPI mode on MOSI pad [CPHA = 1]
No
parameters
CPOL
SPI1
SPI2
SPI3
unit
8
Delay time, SSP_SCLK
(output) rising edge to
MOSI (output) transition
0
-0.607
-1.097
-1.568
ns
9
Delay time, SSP_SCLK
(output) falling edge to
MOSI (output) transition
1
-0.675
-1.141
-1.638
ns
10
Delay time, SSP_SS
(output) falling edge to first
SSP_SCLK (output) rising
or falling edge
T/2
ns
11
Delay time, SSP_SCLK
(output) rising or falling
edge to SSP_SS (output)
rising edge
T/2
ns
Table 59.
Timing requirements for SPI mode on MISO pad [CPHA = 1] (continued)
No
parameters
CPOL
SPI1
SPI2
SPI3
unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com