Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPEAR600 Datasheet(PDF) 57 Page - STMicroelectronics

Part # SPEAR600
Description  Embedded MPU with dual ARM926 core, flexible memory support, powerful connectivity features and programmable LCD interface
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPEAR600 Datasheet(HTML) 57 Page - STMicroelectronics

Back Button SPEAR600 Datasheet HTML 53Page - STMicroelectronics SPEAR600 Datasheet HTML 54Page - STMicroelectronics SPEAR600 Datasheet HTML 55Page - STMicroelectronics SPEAR600 Datasheet HTML 56Page - STMicroelectronics SPEAR600 Datasheet HTML 57Page - STMicroelectronics SPEAR600 Datasheet HTML 58Page - STMicroelectronics SPEAR600 Datasheet HTML 59Page - STMicroelectronics SPEAR600 Datasheet HTML 60Page - STMicroelectronics SPEAR600 Datasheet HTML 61Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 97 page
background image
SPEAr600
Electrical characteristics
Doc ID 16259 Rev 3
57/97
5.5
3.3V I/O characteristics
The 3.3 V I/Os are compliant with JEDEC standard JESD8b
5.6
DDR2 pin characteristics
Table 23.
Low voltage TTL DC input specification (3 V< VDD <3.6 V)
Symbol
Parameter
Min
Max
Unit
VIL
Low level input voltage
0.8
V
VIH
High level input voltage
2
V
Vhyst
Schmitt trigger hysteresis
300
800
mV
Table 24.
Low voltage TTL DC output specification (3 V< VDD <3.6 V)
Symbol
Parameter
Test Condition
Min
Max
Unit
VOL
Low level output voltage
IOL= X mA
(1)
1.
For the max current value (X mA) refer to Section 3: Pin description.
0.3
V
VOH
High level output voltage
IOH= -X mA
(1)
VDD - 0.3
V
Table 25.
Pull-up and pull-down characteristics
Symbol
Parameter
Test Condition
Min.
Max
Unit
RPU
Equivalent pull-up resistance
VI = 0 V
29
67
K
Ω
RPD
Equivalent pull-down
resistance
VI = VDDE3V3
29
103
K
Ω
Table 26.
DC characteristics
Symbol
Parameter
Test Condition
Min.
Max
Unit
VIL
Low level input voltage
SSTL2
-0.3
VREF-0.15
V
SSTL18
-0.3
VREF-0.125
V
VIH
High level input voltage
SSTL2
VREF+0.15
VDDE2V5+0.3
V
SSTL18
VREF+0.125
VDDE1V8+0.3
V
Vhyst
Input voltage hysteresis
200
mV
Table 27.
Driver characteristics
Symbol
Parameter
Min
Typ
Max
Unit
RO
Output impedance (strong value)
18.9
21
23.1
Ω
Output impendance (weak value)
32.9
35
37.1
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com