Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPEAR600 Datasheet(PDF) 15 Page - STMicroelectronics

Part # SPEAR600
Description  Embedded MPU with dual ARM926 core, flexible memory support, powerful connectivity features and programmable LCD interface
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPEAR600 Datasheet(HTML) 15 Page - STMicroelectronics

Back Button SPEAR600 Datasheet HTML 11Page - STMicroelectronics SPEAR600 Datasheet HTML 12Page - STMicroelectronics SPEAR600 Datasheet HTML 13Page - STMicroelectronics SPEAR600 Datasheet HTML 14Page - STMicroelectronics SPEAR600 Datasheet HTML 15Page - STMicroelectronics SPEAR600 Datasheet HTML 16Page - STMicroelectronics SPEAR600 Datasheet HTML 17Page - STMicroelectronics SPEAR600 Datasheet HTML 18Page - STMicroelectronics SPEAR600 Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 97 page
background image
SPEAr600
Architecture overview
Doc ID 16259 Rev 3
15/97
2.5
Multichannel DMA controller
Within its basic subsystem, SPEAr600 provides a DMA controller (DMAC) able to service up
to 8 independent DMA channels for serial data transfers between a single source and
destination (i.e., memory-to-memory, memory-to-peripheral, peripheral to-memory, and
peripheral-to-peripheral).
Each DMA channel can support unidirectional transfers, with one internal four-word FIFO
per channel.
2.6
LCD controller
Main features:
●
Resolution programmable up to 1024 x 768
●
16-bpp true-color non-palletized, for color STN and TFT
●
24-bpp true-color non-palletized, for color TFT
●
Supports single and dual panel mono super twisted nematic (STN) displays with 4 or 8-
bit interfaces
●
Supports single and dual-panel color and monochrome STN displays
●
Supports thin film transistor (TFT) color displays
●
15 gray-level mono, 3375 color STN, and 32 K color TFT support
●
1, 2, or 4 bits per pixel (bpp) palletized displays for mono STN
●
1, 2, 4 or 8-bpp palletized color displays for color STN and TFT
●
Programmable timing for different display panels
●
256 entry, 16-bit palette RAM, arranged as a 128 x 32-bit RAM physically frame, line
and pixel clock signals
●
AC bias signal for STN and data enable signal for TFT panels patented gray scale
algorithm
●
Supports little-endian, big-endian and WinCE data formats
2.7
GPIOs
The General Purpose Input/Outputs (GPIOs) provide programmable inputs or outputs.
Each input/output can be controlled in two distinct modes:
●
Software mode, through an APB interface
●
Hardware mode, through a hardware control interface.
SPEAr600 provides up to 10 GPIO lines:
●
Individually programmable input/output pins (default to input at reset)
●
An APB slave acting as control interface in "software mode"
●
Programmable interrupt generation capability on any number of pins
●
Bit masking in both read and write operations through address lines



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com