Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPEAR600 Datasheet(PDF) 95 Page - STMicroelectronics

Part # SPEAR600
Description  Embedded MPU with dual ARM926 core, flexible memory support, powerful connectivity features and programmable LCD interface
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPEAR600 Datasheet(HTML) 95 Page - STMicroelectronics

Back Button SPEAR600 Datasheet HTML 89Page - STMicroelectronics SPEAR600 Datasheet HTML 90Page - STMicroelectronics SPEAR600 Datasheet HTML 91Page - STMicroelectronics SPEAR600 Datasheet HTML 92Page - STMicroelectronics SPEAR600 Datasheet HTML 93Page - STMicroelectronics SPEAR600 Datasheet HTML 94Page - STMicroelectronics SPEAR600 Datasheet HTML 95Page - STMicroelectronics SPEAR600 Datasheet HTML 96Page - STMicroelectronics SPEAR600 Datasheet HTML 97Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 95 / 97 page
background image
SPEAr600
Revision history
Doc ID 16259 Rev 3
95/97
8-Feb-2010
2
Added I2S to Table 18: Memory map.
Modified pin list of I2S and EXPI Table 14: EXPI/I2S pins and
Table 15: EXPI pins.
Updated sections Features, Main features and I2S audio block
improving the description of I2S feature.
Updated Table 19: Absolute maximum ratings
Updated section DDR2 timing characteristics.
Updated Table 27: Driver characteristics.
Updated Section 5.1: Absolute maximum ratings
Updated Table 21: Recommended operating conditions.
Updated Section 2.15: UARTs
Updated introduction of Chapter 7: Package information
Updated Table 10: NAND Flash I/F pins.
Updated Table 3: Power supply pins.
Updated Table 6: USB pins.
Updated Figure 1: Functional block diagram and Figure 2: Typical
system architecture using SPEAr600
Changed “SPI” with “SSP” where necessary.
Inserted the new Section 6.8: SSP timing characteristics
Corrected the frequency of DDR1.
Separated the Electrical characteristics and Timing characteristics in
two chapters
Changed the title of the Section 5.5: 3.3V I/O characteristics
Added Table 62: SPEAr600 PBGA420 thermal resistance
characteristics.
Updated Figure 25, Figure 26, Figure 27, Figure 30, Figure 31,
Figure 32.
Added a line of explanation in the introduction of Section 3: Pin
description.
Added new Section 3.3: Configuration modes.
Added new Section 2.25: External Port Controller (EXPI I/F).
Table 63.
Document revision history (continued)
Date
Revision
Changes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com