Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPEAR600 Datasheet(PDF) 91 Page - STMicroelectronics

Part # SPEAR600
Description  Embedded MPU with dual ARM926 core, flexible memory support, powerful connectivity features and programmable LCD interface
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPEAR600 Datasheet(HTML) 91 Page - STMicroelectronics

Back Button SPEAR600 Datasheet HTML 87Page - STMicroelectronics SPEAR600 Datasheet HTML 88Page - STMicroelectronics SPEAR600 Datasheet HTML 89Page - STMicroelectronics SPEAR600 Datasheet HTML 90Page - STMicroelectronics SPEAR600 Datasheet HTML 91Page - STMicroelectronics SPEAR600 Datasheet HTML 92Page - STMicroelectronics SPEAR600 Datasheet HTML 93Page - STMicroelectronics SPEAR600 Datasheet HTML 94Page - STMicroelectronics SPEAR600 Datasheet HTML 95Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 91 / 97 page
background image
SPEAr600
Package information
Doc ID 16259 Rev 3
91/97
7.1
Package mechanical data
Table 61.
PBGA420 (23 x 23 x 2.06 mm) mechanical data
Dim.
mm
inches
Min.
Typ.
Max.
Min.
Typ.
Max.
A
2.06
0.0811
A1
0.24
0.0094
A2
0.56
0.0220
A3
0.97
0.0382
A4
1.53
0.0602
b
0.40
0.50
0.60
0.0157
0.0197
0.0236
D
22.80
23.00
23.20
0.8976
0.9055
0.9134
D1
21.00
0.8268
D2
20.00
0.7874
E
22.80
23.00
23.20
0.8976
0.9055
0.9134
E1
21.00
0.8268
E2
20.00
0.7874
e
1.00
0.0394
F
1.00
0.0394
ddd
0.20
0.0079
eee
0.25
0.0098
fff
0.10
0.0039



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com