Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPEAR600 Datasheet(PDF) 20 Page - STMicroelectronics

Part # SPEAR600
Description  Embedded MPU with dual ARM926 core, flexible memory support, powerful connectivity features and programmable LCD interface
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPEAR600 Datasheet(HTML) 20 Page - STMicroelectronics

Back Button SPEAR600 Datasheet HTML 16Page - STMicroelectronics SPEAR600 Datasheet HTML 17Page - STMicroelectronics SPEAR600 Datasheet HTML 18Page - STMicroelectronics SPEAR600 Datasheet HTML 19Page - STMicroelectronics SPEAR600 Datasheet HTML 20Page - STMicroelectronics SPEAR600 Datasheet HTML 21Page - STMicroelectronics SPEAR600 Datasheet HTML 22Page - STMicroelectronics SPEAR600 Datasheet HTML 23Page - STMicroelectronics SPEAR600 Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 97 page
background image
Architecture overview
SPEAr600
20/97
Doc ID 16259 Rev 3
Reset status capture and soft reset generation
Watchdog module clock enable
2.18.1
Power saving system mode control
Using three mode control bits, the system controller switch the SPEAr600 to any one of four
different modes: DOZE, SLEEP, SLOW and NORMAL.
SLEEP mode: In this mode the system clocks, HCLK and CLK, are disabled and the
System Controller clock SCLK is driven by a low speed oscillator (nominally 32768 Hz).
When either a FIQ or an IRQ interrupt is generated (through the VIC) the system enters
DOZE mode. Additionally, the operating mode setting in the system control register
automatically changes from SLEEP to DOZE.
DOZE mode: In this mode the system clocks, HCLK and CLK, and the System
Controller clock SCLK are driven by a low speed oscillator. The System Controller
moves into SLEEP mode from DOZE mode only when none of the mode control bits
are set and the processor is in Wait-for-interrupt state. If SLOW mode or NORMAL
mode is required the system moves into the XTAL control transition state to initialize the
crystal oscillator.
SLOW mode: During this mode, both the system clocks and the System Controller
clock are driven by the crystal oscillator. If NORMAL mode is selected, the system goes
into the "PLL control" transition state. If neither the SLOW nor the NORMAL mode
control bits are set, the system goes into the "Switch from XTAL" transition state.
NORMAL mode: In NORMAL mode, both the system clocks and the System Controller
clock are driven by the PLL output. If the NORMAL mode control bit is not set, then the
system goes into the "Switch from PLL" transition state.
2.19
Clock and reset system
The clock system is a fully programmable block that generates all the clocks for the
SPEAr600.
The default operating clock frequencies are:
Clock @ 333 MHz for the CPUs.
Clock @ 166 MHz for AHB bus and AHB peripherals. (PLL1 source)
Clock @ 83 MHz for, APB bus and APB peripherals. (PLL1 source)
Clock @ 100-333 MHz for DDR memory interface. (PLL1, PLL2 source)
Clock @ 12 MHz, 30 MHz and 48 MHz for USBs (PLL3 source)
The above frequencies are the maximum allowed values.
All these clocks are generated by three PLLs.
PLL1 and PLL2 sources are fully programmable through dedicated registers.
The clock system consists of 2 main parts: a multi clock generator block and two internal
PLLs.
The multi clock generator block, takes a reference signal (which is usually delivered by the
PLL), generates all clocks for the IPs of SPEAr600 according to dedicated programmable
registers.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com