Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPEAR600 Datasheet(PDF) 71 Page - STMicroelectronics

Part # SPEAR600
Description  Embedded MPU with dual ARM926 core, flexible memory support, powerful connectivity features and programmable LCD interface
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPEAR600 Datasheet(HTML) 71 Page - STMicroelectronics

Back Button SPEAR600 Datasheet HTML 67Page - STMicroelectronics SPEAR600 Datasheet HTML 68Page - STMicroelectronics SPEAR600 Datasheet HTML 69Page - STMicroelectronics SPEAR600 Datasheet HTML 70Page - STMicroelectronics SPEAR600 Datasheet HTML 71Page - STMicroelectronics SPEAR600 Datasheet HTML 72Page - STMicroelectronics SPEAR600 Datasheet HTML 73Page - STMicroelectronics SPEAR600 Datasheet HTML 74Page - STMicroelectronics SPEAR600 Datasheet HTML 75Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 97 page
background image
SPEAr600
Timing characteristics
Doc ID 16259 Rev 3
71/97
6.3
CLCD timing characteristics
The characterization timing is done considering an output load of 10 pF on all the
outputs.The operating conditions are in worst case V=0.90 V T=125 °C and in best case
V=1.10 V T= 40 °C.
The CLCD has a wide variety of configurations and setting and the parameters change
accordingly. Two main scenarios will be considered, one with direct clock to output (166
MHz), setting BCD bit to '1', and the second one with the clock passing through a clock
divider (83 MHz), setting BCD bit to '0'. Please refer to the Table 477 for more information on
the significance of bit BCD).
6.3.1
CLCD timing characteristics direct clock
Figure 15.
CLCD waveform with CLCP direct
Figure 16.
CLCD block diagram with CLCP direct
Table 43.
CLCD timings with CLCP direct
Parameter
Value
Frequency
Tclock direct max (Tclock)
6 ns
166 MHz
Tclock direct max rise (Tr)
0.81 ns
Tclock direct max (Tf)
0.87 ns
Tmin
-0.04 ns
Tmax
3.62 ns
Tstable
2.34 ns
Tmin
Tmax
CLCP
CLD[23:0], CLAC, CLLE,
CLLP, CLFP, CLPOWER
Tclock
Tr
Tf
Tstable
Q
Q
SET
CLR
D
t2
t3
CLCP
CLD[23:0], CLAC, CLLE,
CLLP, CLFP, CLPOWER
CLCDCLK
t1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com