Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPEAR600 Datasheet(PDF) 13 Page - STMicroelectronics

Part # SPEAR600
Description  Embedded MPU with dual ARM926 core, flexible memory support, powerful connectivity features and programmable LCD interface
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPEAR600 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button SPEAR600 Datasheet HTML 9Page - STMicroelectronics SPEAR600 Datasheet HTML 10Page - STMicroelectronics SPEAR600 Datasheet HTML 11Page - STMicroelectronics SPEAR600 Datasheet HTML 12Page - STMicroelectronics SPEAR600 Datasheet HTML 13Page - STMicroelectronics SPEAR600 Datasheet HTML 14Page - STMicroelectronics SPEAR600 Datasheet HTML 15Page - STMicroelectronics SPEAR600 Datasheet HTML 16Page - STMicroelectronics SPEAR600 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 97 page
background image
SPEAr600
Architecture overview
Doc ID 16259 Rev 3
13/97
allows different subsystem data flows to be executed in parallel improving the core platform
efficiency.
High performance master agents are directly interconnected with the memory controller
reducing the memory access latency. The overall memory bandwidth assigned to each
master port can be programmed and optimized through an internal efficient weighted round-
robin arbitration mechanism.
2.1
Embedded memory units
The SPEAr600 has two embedded memory units
●
32 Kbytes of BootROM
●
8 Kbytes of SRAM
2.2
DDR/DDR2 memory controller
SPEAr600 integrates a high performance multi-channel memory controller able to support
DDR1 and DDR2 double data rate memory devices. The multi-port architecture ensures that
memory is shared efficiently among different high-bandwidth client modules.
Main features:
●
Multi channel AHB interfaces:
–
Seven independent AHB ports
–
Separate AHB memory controller programming interface
–
Support all AHB burst types
–
Lock transaction are not supported
●
Internal efficient port arbitration scheme to ensure high memory bandwidth utilization
●
Programmable register interface to control memory device parameters and protocols
●
DRAM controller supports both DDR1 and DDR2 memory devices:
–
DDR1 up to 166 MHz
–
DDR2 up to 333 MHz
●
Memory frequency with DLL enable configurable from 100 MHz to 333 MHz
●
Wide range of memory devices supported:
–
128 Mbit, 256 Mbit, 512 Mbit, 1 Gbit, 2 Gbit
–
Two chip selects.
–
8 or 16-bit data width
2.3
Serial memory interface
SPEAr600 provides a Serial Memory Interface (SMI), acting as an AHB slave interface
(32-, 16- or 8-bit) to SPI-compatible off-chip memories.
These serial memories can be used either as data storage or for code execution.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com