Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPEAR600 Datasheet(PDF) 85 Page - STMicroelectronics

Part # SPEAR600
Description  Embedded MPU with dual ARM926 core, flexible memory support, powerful connectivity features and programmable LCD interface
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPEAR600 Datasheet(HTML) 85 Page - STMicroelectronics

Back Button SPEAR600 Datasheet HTML 81Page - STMicroelectronics SPEAR600 Datasheet HTML 82Page - STMicroelectronics SPEAR600 Datasheet HTML 83Page - STMicroelectronics SPEAR600 Datasheet HTML 84Page - STMicroelectronics SPEAR600 Datasheet HTML 85Page - STMicroelectronics SPEAR600 Datasheet HTML 86Page - STMicroelectronics SPEAR600 Datasheet HTML 87Page - STMicroelectronics SPEAR600 Datasheet HTML 88Page - STMicroelectronics SPEAR600 Datasheet HTML 89Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 97 page
background image
SPEAr600
Timing characteristics
Doc ID 16259 Rev 3
85/97
SMI_DATAOUT
tmax
0.65 ns
Max and min delay time of data out,
referred to SMI_CLK falling edge.
tmin
-0.41 ns
SMI_CS_0
trmax
0.59 ns
Max and min delay time of chip select
0 rising edge, referred to SMI_CLK
falling edge.
trmin
-0.52 ns
tfmax
0.46 ns
Max and min delay time of chip select
0 falling edge, referred to SMI_CLK
falling edge.
tfmin
-052 ns
SMI_CS_1
trmax
0.67 ns
Max and min delay time of chip select
0 rising edge, referred to SMI_CLK
falling edge.
trmin
-0.27 ns
tfmax
0.54 ns
Max and min delay time of chip select
1 falling edge, referred to SMI_CLK
falling edge.
tfmin
-0.3 ns
Table 55.
SMI Timings of SMI_CS_3 in non-default configurations
Signal
Parameter
Value
Description
NF_WP (SMI_CS_3 in
Disable_nand_flash)
trmax
2.64 ns
Max and min delay time of chip select
3 rising edge, referred to SMI_CLK
falling edge.
trmin
1.32 ns
tfmax
2.47 ns
Max and min delay time of chip select
3 falling edge, referred to SMI_CLK
falling edge.
tfmin
-0.31 ns
CLD_14 (SMI_CS_3 in
Disable_LCD_ctr)
trmax
0.71ns
Max and min delay time of chip select
3 rising edge, referred to SMI_CLK
falling edge.
trmin
-0.08 ns
tfmax
0.52 ns
Max and min delay time of chip select
3 falling edge, referred to SMI_CLK
falling edge.
tfmin
0.36 ns
RX_ER (SMI_CS_3 in
Disable_GMAC_ctr)
trmax
3.99 ns
Max and min delay time of chip select
3 rising edge, referred to SMI_CLK
falling edge.
trmin
0.6 ns
tfmax
3.91 ns
Max and min delay time of chip select
3 falling edge, referred to SMI_CLK
falling edge.
tfmin
1.56 ns
trmin
1.32 ns
tfmax
2.47 ns
Max and min delay time of chip select
3 falling edge, referred to SMI_CLK
falling edge.
tfmin
1.56 ns
Table 54.
SMI timings in default configuration (continued)
Signal
Parameter
Value
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com