Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPEAR600 Datasheet(PDF) 35 Page - STMicroelectronics

Part # SPEAR600
Description  Embedded MPU with dual ARM926 core, flexible memory support, powerful connectivity features and programmable LCD interface
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPEAR600 Datasheet(HTML) 35 Page - STMicroelectronics

Back Button SPEAR600 Datasheet HTML 31Page - STMicroelectronics SPEAR600 Datasheet HTML 32Page - STMicroelectronics SPEAR600 Datasheet HTML 33Page - STMicroelectronics SPEAR600 Datasheet HTML 34Page - STMicroelectronics SPEAR600 Datasheet HTML 35Page - STMicroelectronics SPEAR600 Datasheet HTML 36Page - STMicroelectronics SPEAR600 Datasheet HTML 37Page - STMicroelectronics SPEAR600 Datasheet HTML 38Page - STMicroelectronics SPEAR600 Datasheet HTML 39Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 97 page
background image
SPEAr600
Pin description
Doc ID 16259 Rev 3
35/97
Table 12.
LCD I/F pins
Group
Signal name
Ball
Direction
Function
Pin Type
LCD I/F
CLD_0
Y20
Output
LCD Data
TTL output buffer,
3.3 V capable,
8mA
CLD_1
Y21
CLD_2
Y22
CLD_3
W22
CLD_4
W21
CLD_5
W20
CLD_6
V20
CLD_7
V21
CLD_8
V22
CLD_9
U22
CLD_10
U21
CLD_11
U20
CLD_12
T20
CLD_13
T21
CLD_14
R21
CLD_15
R20
CLD_16
P19
CLD_17
P20
CLD_18
P21
CLD_19
N21
CLD_20
N20
CLD_21
N19
CLD_22
M20
CLD_23
M21
CLAC
T22
STN AC bias
drive TFT Data
Enable
CLCP
R22
LCD Panel
Clock
CLFP
P22
STN Frame
Pulse\TFT
Vertical Sync
CLLP
N22
STN Line
Pulse\TFT
Horizontal Sync
CLLE
M22
Line End
CLPOWER
M19
LCD Power
Enable



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com