Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPEAR600 Datasheet(PDF) 81 Page - STMicroelectronics

Part # SPEAR600
Description  Embedded MPU with dual ARM926 core, flexible memory support, powerful connectivity features and programmable LCD interface
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPEAR600 Datasheet(HTML) 81 Page - STMicroelectronics

Back Button SPEAR600 Datasheet HTML 77Page - STMicroelectronics SPEAR600 Datasheet HTML 78Page - STMicroelectronics SPEAR600 Datasheet HTML 79Page - STMicroelectronics SPEAR600 Datasheet HTML 80Page - STMicroelectronics SPEAR600 Datasheet HTML 81Page - STMicroelectronics SPEAR600 Datasheet HTML 82Page - STMicroelectronics SPEAR600 Datasheet HTML 83Page - STMicroelectronics SPEAR600 Datasheet HTML 84Page - STMicroelectronics SPEAR600 Datasheet HTML 85Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 81 / 97 page
background image
SPEAr600
Timing characteristics
Doc ID 16259 Rev 3
81/97
Note:
To calculate the tSETUP value for the PHY you have to consider the next tCLK rising edge, so
you have to apply the following formula: tSETUP = tCLK - tmax
6.6.2
MII transmit timing specifications
Figure 35.
MII TX waveforms
Figure 36.
Block diagram of MII TX pins
Note:
To calculate the tSETUP value for the PHY you have to consider the next tCLK rising edge, so
you have to apply the following formula: tSETUP = tCLK - tmax
Table 51.
MII TX timings
Parameter
Value using MII 100 Mb [tCLK
period = 40 ns 25 MHz]
Value using MII 10 Mb [tCLK
period = 400 ns 2.5 MHz]
tmax= t2max- t3min
6.8 ns
6.8 ns
tmin= t2min- t3max
2.9 ns
2.9 ns
tSETUP
33.2 ns
393.2 ns
TXD0-TXD3
Tmin
Tmax
TX_CLK
Tclock
Tr
Tf
Q
Q
SET
CLR
D
t2
t3
TX_CLK
TXD[0..3]
TX[0..3]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com